30LVT33-R
AI

The **30LVT33-R** is a specific electronic component, typically categorized as a **Low Voltage Transient Voltage Suppressor (TVS)** or a specific type of **Schottky Barrier Diode**, depending on the manufacturer's series (commonly associated with brands like Comchip or similar power semiconductor firms).
Below is a detailed breakdown of its characteristics and technical specifications.
---
## 1. Component Overview
The 30LVT33-R is designed primarily for circuit protection or high-efficiency rectification in low-voltage applications. Its design prioritizes a low forward voltage drop to minimize power loss.
### Technical Specifications
| Parameter | Typical Value | Description |
|:---|:---|:---|
| **Device Type** | Schottky / TVS Diode | Low Voltage Trench technology |
| **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 30V | Maximum voltage the diode can withstand in reverse |
| **Forward Current ($I_F$)** | 3.0A | Maximum continuous forward current |
| **Forward Voltage Drop ($V_F$)** | ~0.35V - 0.45V | Voltage loss during conduction (varies by load) |
| **Package Type** | SOD-123FL / SMA | Surface Mount Device (SMD) |
| **RoHS Status** | Compliant | Lead-free and environmentally safe |
---
## 2. Key Features
* **Ultra-Low Forward Voltage:** By using trench technology, it achieves a lower $V_F$ than standard Schottky diodes, increasing battery life in portable electronics.
* **High Surge Capacity:** Designed to handle brief spikes in current without failing.
* **Fast Switching:** Excellent for high-frequency applications due to low junction capacitance.
* **Small Footprint:** The "R" suffix often denotes "Reel" packaging for automated SMT (Surface Mount Technology) assembly.
---
## 3. Applications
The 30LVT33-R is commonly found in the following circuits:
1. **DC-DC Converters:** Used as a freewheeling diode to improve efficiency.
2. **Reverse Polarity Protection:** Protecting sensitive logic circuits if a battery is inserted backwards.
3. **Battery Management Systems (BMS):** Ideal for portable devices where heat dissipation must be minimized.
4. **Clamping Circuits:** Protecting IC pins from voltage transients.
---
## 4. Typical Connection Diagram
In a standard protection scenario, the diode is placed in parallel with the load (for TVS) or in series (for polarity protection).
```mermaid
graph LR
Input(+) --- Diode_Anode[30LVT33-R]
Diode_Anode --- Diode_Cathode
Diode_Cathode --- Load
Load --- Input(-)
```
*(Note: In series configuration, it prevents reverse current flow.)*
---
- ⤷
What are the specific thermal resistance values for the 30LVT33-R package?
- ⤷ How does the 'Trench' technology in this part differ from standard Schottky diodes?
- ⤷ Can this part be used in automotive-grade applications (AEC-Q101)?