31-10-RFX
AI

The **31-10-RFX** is a high-performance RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a member of the **BNC (Bayonet Neill-Concelman)** family, specifically designed for use with coaxial cables.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
This component is engineered for reliability in telecommunications and test equipment.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Male (Plug) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | 0 to 4 GHz |
| **Coupling Mechanism** | Bayonet (Quick Connect/Disconnect) |
| **Body Material** | Brass |
| **Body Plating** | Nickel |
| **Contact Material** | Brass (Male Pin) |
| **Contact Plating** | Gold |
| **Dielectric Material** | Delrin or PTFE |
---
### 2. Compatible Cable Types
The "RFX" series is often optimized for specific cable diameters. The 31-10-RFX is typically used with the following coaxial cable types:
* **RG-58**
* **RG-141**
* **RG-142**
* **LMR-195**
---
### 3. Key Electronic Characteristics
* **50 Ohm Impedance:** Matches standard RF signal paths to minimize Signal Standing Wave Ratio (SWR) and prevent signal reflections.
* **Gold-Plated Contacts:** Ensures low contact resistance and prevents oxidation, which is critical for maintaining signal integrity over time.
* **Dielectric Strength:** Usually rated for **500V RMS**, allowing it to handle moderate power levels without electrical breakdown.
* **Durability:** Rated for approximately **500 mating cycles**.
---
### 4. Typical Applications
The 31-10-RFX is commonly found in:
1. **Test and Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Antennas:** Connecting low-power radio transmitters to antennas.
3. **Medical Equipment:** Internal RF signal routing in imaging devices.
4. **Security:** Analog CCTV video transmission.
---
- ⤷
What are the assembly instructions for crimping a 31-10-RFX connector?
- ⤷ Can this connector be used with a 75 Ohm cable system?
- ⤷ What is the difference between the RFX series and standard Amphenol BNC connectors?