Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 31-203-RFX

  • AI
    The **31-203-RFX** is a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC straight plug designed for use with specific coaxial cables. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Connector Type** | BNC Plug (Male) | | **Impedance** | 50 Ohm | | **Frequency Range** | DC to 4 GHz (Typical) | | **Contact Plating** | Gold | | **Body Plating** | Nickel | | **Termination Style** | Solder Cup / Clamp | | **Cable Group** | RG-58, RG-141, RG-142 | | **Mounting Type** | Cable Mount (Straight) | --- ### 2. Functional Components The 31-203-RFX consists of several critical electronic and physical components: 1. **Center Contact:** Made of brass with **Gold plating**. Gold ensures low contact resistance and prevents oxidation over time, which is vital for maintaining signal integrity in RF applications. 2. **Outer Body:** Constructed from brass with **Nickel plating**. This provides durability and a robust mating interface for the bayonet locking mechanism. 3. **Insulator:** Usually made of **PTFE (Teflon)**. This material has excellent dielectric properties, ensuring the 50 Ohm impedance is maintained and signal leakage is minimized. 4. **Bayonet Coupling Nut:** This is the "B" in BNC (Bayonet Neill–Concelman), allowing for quick connect/disconnect while remaining securely locked. --- ### 3. Applications Because this part is rated for 50 Ohm impedance, it is widely used in: * **Test and Measurement:** Oscilloscopes and signal generators. * **Antenna Systems:** Low-power radio transmissions. * **Aviation Electronics:** On-board communication systems. * **Medical Equipment:** RF-based diagnostic tools. --- ### 4. Comparison: Solder/Clamp vs. Crimp The 31-203-RFX is a **Clamp** type connector. Below is a comparison of why this style might be chosen over a standard Crimp connector: ```markdown - Crimp Type: Requires a specific crimping tool; faster for mass production; permanent. - Clamp Type (31-203-RFX): Requires a soldering iron for the center pin; reusable; ideal for field repairs or low-volume custom cable assembly. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 50 Ohm and 75 Ohm BNC connectors?
    • ⤷ Which specific coaxial cables are compatible with the 31-203-RFX?
    • ⤷ What is the maximum voltage rating for this Amphenol connector?