31-2242-RFX
AI

The **31-2242-RFX** is a high-performance RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC (Bayonet Neill-Concelman) straight plug designed for coaxial cable terminations.
---
### ## Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 31-2242-RFX:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Plug (Male) |
| **Impedance** | 50 Ohm |
| **Body Orientation** | Straight |
| **Termination Type** | Crimp / Solder |
| **Cable Type** | RG-58, RG-141, LMR-195 |
| **Frequency Range** | 0 - 4 GHz |
| **Voltage Rating** | 500 Volts Peak |
| **Dielectric Material** | Delrin / PTFE |
| **Plating (Body/Contact)** | Nickel / Gold |
---
### ## Key Components and Materials
The "RFX" suffix in Amphenol's part numbering typically indicates a **commercial-grade** version of the connector, which provides a cost-effective solution without sacrificing essential performance.
1. **Outer Shell (Body):** Made of brass with a nickel plating for corrosion resistance and durability during the bayonet locking process.
2. **Center Contact:** Usually brass or phosphor bronze with gold plating to ensure high conductivity and minimize signal loss (attenuation).
3. **Insulator:** Uses high-quality dielectric materials to maintain constant 50-ohm impedance across the connector interface.
4. **Coupling Mechanism:** Features the classic two-stud bayonet "twist and lock" system, allowing for quick connect/disconnect.
### ## Application and Usage
This specific part is widely used in the following fields:
* **Test and Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
* **Telecommunications:** Base station equipment and antennas.
* **Security:** Analog CCTV camera installations.
* **Data Transmission:** Local Area Networks (LAN) utilizing RG-58 cabling.
### ## Assembly Configuration
To install this part, specific tooling is required:
* **Crimp Tool:** To secure the outer ferrule to the cable braid.
* **Soldering Iron:** Used for the center pin (though some RFX versions allow for a crimp center contact as well).
---
- ⤷What is the difference between 50-ohm and 75-ohm BNC connectors?
- ⤷ Which crimp tool die size is recommended for the 31-2242-RFX?
- ⤷ Can this connector be used for 4K video signals?