31-4541-RFX
AI

The **31-4541-RFX** is a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is specifically designed for coaxial cable terminations used in telecommunications, broadcasting, and test equipment.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Straight Jack (Female) |
| **Body Style** | Straight |
| **Termination Type** | Crimp |
| **Impedance** | 50 Ohm |
| **Frequency Range** | 0 - 4 GHz |
| **Cable Type Compatibility** | RG-58, RG-141, LMR-195 |
| **Mounting Type** | Cable Mount |
---
## Key Material Composition
The reliability of the 31-4541-RFX comes from its specific material engineering:
* **Body Material:** Brass with **Nickel plating** for durability and corrosion resistance.
* **Contact Material:** Phosphor Bronze or Brass with **Gold plating** to ensure low signal loss and prevent oxidation.
* **Insulator:** PTFE (Teflon), which provides excellent thermal stability and high dielectric strength.
* **Gasket:** Silicone rubber for environmental sealing.
---
## Electronic Performance Characteristics
### 1. Impedance Matching
Designed as a **50-ohm** connector, it is optimized for power transfer in RF applications. Using this with 75-ohm systems would cause signal reflections (high VSWR).
### 2. Frequency Handling
While BNC connectors are physically robust, this specific part is rated up to **4 GHz**. Performance is most stable within the DC to 3 GHz range, making it ideal for Wi-Fi, GPS, and standard laboratory equipment.
### 3. Voltage Rating
It typically supports an operating voltage of approximately **500 Volts RMS** at sea level.
---
## Installation Overview
The "RFX" suffix often denotes a commercial-grade series that balances high performance with cost-effectiveness.
1. **Inner Contact:** Usually soldered or crimped to the center conductor of the coax.
2. **Outer Shield:** Secured using a **hex crimp** tool on the outer ferrule.
3. **Bayonet Coupling:** Features the classic "twist and lock" mechanism for quick connect/disconnect without tools.
- ⤷
What are the specific crimp tool sizes required for the 31-4541-RFX?
- ⤷ How does this 50-ohm BNC connector differ from a 75-ohm version?
- ⤷ Can this connector be used for outdoor weather-exposed applications?