31-5136-RFX
AI

The **31-5136-RFX** is a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is specifically a BNC (Bayonet Neill–Concelman) bulkhead jack designed for coaxial cable terminations.
---
### 1. Technical Specifications
The following table highlights the core electronic and mechanical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Female (Jack) |
| **Mounting Type** | Bulkhead, Rear Mount (Nut/Washer included) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | 0 - 4 GHz |
| **Body Material** | Brass |
| **Body Plating** | Nickel |
| **Contact Material** | Phosphor Bronze |
| **Contact Plating** | Gold |
| **Insulator Material** | Delrin (Acetal) |
| **Termination Style** | Solder Cup |
---
### 2. Key Features and Design
* **Bulkhead Mounting:** This part is designed to be mounted through a panel or chassis. It allows for a secure connection point on the exterior of a device while the internal electronics are soldered to the rear.
* **Solder Cup Termination:** Unlike crimp-style connectors, the 31-5136-RFX features a solder cup. This allows for direct wire attachment without the need for specialized crimping tools, making it ideal for custom prototyping or repairs.
* **RFX Series:** The "RFX" designation usually refers to Amphenol's commercial-grade line. These parts provide high performance for standard applications at a more economical price point compared to military-spec (MIL-SPEC) equivalents.
---
### 3. Common Applications
Due to its 50-ohm impedance and 4 GHz frequency limit, this part is commonly used in:
1. **Test and Measurement Equipment:** Oscilloscopes and signal generators.
2. **Antenna Systems:** Providing an interface for external antennas on metal enclosures.
3. **Video Surveillance:** Analog BNC video signal transmission.
4. **Networking:** Older Thinnet Ethernet systems or specialized wireless base stations.
---
### 4. Dimensional Data
* **Panel Cutout:** Usually requires a "D-Flat" hole to prevent the connector from rotating once installed.
* **Dielectric:** The use of Delrin provides good mechanical strength and insulation, though it has a lower melting point than Teflon (PTFE), so care must be taken during soldering.
- ⤷
What is the maximum voltage rating for the 31-5136-RFX?
- ⤷ Does this connector require a specific panel thickness for mounting?
- ⤷ How does this compare to a 75 Ohm BNC connector?