Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 31-5559-RFX

  • AI
    ## Product Overview: 31-5559-RFX The **31-5559-RFX** is a high-quality RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a commercial-grade **BNC Straight Crimp Plug** designed for use with specific types of coaxial cables. --- ### Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Connector Type** | BNC (Bayonet Neill–Concelman) | | **Gender** | Plug (Male) | | **Orientation** | Straight | | **Impedance** | 50 Ohms | | **Frequency Range** | 0 - 4 GHz | | **Termination Type** | Crimp | | **Body Material** | Brass | | **Body Plating** | Nickel | | **Contact Material** | Brass / Phosphor Bronze | | **Contact Plating** | Gold | --- ### Key Components & Materials The "RFX" suffix in the part number typically denotes Amphenol's **commercial-grade** line, which provides a cost-effective solution without sacrificing reliability in standard environments. 1. **Outer Body:** Made of machined brass with nickel plating for durability and corrosion resistance. 2. **Center Contact:** Gold-plated to ensure low contact resistance and prevent oxidation over time. 3. **Insulator:** Usually made of **Delrin** or **PTFE**, providing high insulation resistance and maintaining the 50-ohm impedance. 4. **Coupling Mechanism:** Features the classic two-stud bayonet "twist and lock" system for quick mating and unmating. --- ### Compatible Cable Types This specific connector is designed to be crimped onto the following coaxial cable types: * **RG-58** * **RG-141** * **RG-303** * **LMR-195** ### Typical Applications * **Antennas:** Connection points for Wi-Fi or Radio broadcast equipment. * **Test & Measurement:** Oscilloscopes, signal generators, and spectrum analyzers. * **Broadcasting:** Video signals and data transmission. * **Telecommunications:** Base station equipment and networking hardware. ---
    ✨ Follow-up Questions
    • ⤷What specific crimp tool size is required for the 31-5559-RFX?
    • ⤷ What is the difference between a 50-ohm and 75-ohm BNC connector?
    • ⤷ How does the 'RFX' commercial grade differ from military-spec connectors?