31-71014-RFX
AI

The part number **31-71014-RFX** refers to a high-quality **BNC Straight Crimp Plug** manufactured by **Amphenol RF**. This specific connector is part of their "RFX" line, which is designed to provide consistent performance in commercial applications while remaining cost-effective.
---
### 1. Key Technical Specifications
Below are the primary physical and electrical characteristics of the 31-71014-RFX:
| Property | Specification |
| :--- | :--- |
| **Connector Type** | BNC Male (Plug) |
| **Body Style** | Straight |
| **Impedance** | 50 Ohm |
| **Cable Type** | RG-58, RG-141, RG-142, LMR-195 |
| **Termination Type** | Crimp / Solder |
| **Frequency Range** | 0 - 4 GHz |
| **Coupling Mechanism** | Bayonet (Twist-on) |
| **Plating** | Nickel (Body), Gold (Contact) |
---
### 2. Component Breakdown
The 31-71014-RFX typically consists of four main physical pieces included in the kit:
1. **Main Body:** The nickel-plated housing featuring the bayonet locking mechanism and the internal dielectric (insulation).
2. **Male Pin (Center Contact):** Usually gold-plated to ensure low contact resistance and prevent oxidation. This is soldered or crimped onto the center conductor of the coaxial cable.
3. **Crimp Ferrule:** A metal sleeve that is slid over the cable jacket and crimped down to secure the cable's outer braid to the connector body.
4. **Insulator:** Internal PTFE or similar material that maintains the 50 Ohm impedance spacing.
---
### 3. Common Applications
This connector is widely used in industries requiring secure, quick-disconnect radio frequency (RF) connections:
* **Test and Measurement:** Oscilloscope leads and signal generators.
* **Telecommunications:** Base stations and wireless communication hardware.
* **Video Systems:** Professional broadcast video and CCTV (though 75 Ohm is more common for HD-video, 50 Ohm is used for specific data signals).
* **Antennas:** Connecting low-power RF antennas to transmitters or receivers.
---
### 4. Installation Requirements
To install this part correctly, specific tools are required:
* **Coaxial Cable Stripper:** To prepare the RG-58 or equivalent cable to the correct dimensions.
* **Crimp Tool:** A hex-crimp tool (usually with a .213" hex cavity) to secure the ferrule.
* **Soldering Iron:** (Optional) If the center pin is being soldered rather than crimped.
- ⤷
What are the specific strip dimensions required for the RG-58 cable for this connector?
- ⤷ How does the 'RFX' series differ from Amphenol's standard military-grade BNC connectors?
- ⤷ Is this connector compatible with 75 Ohm systems?