3201848
AI

Based on technical industrial databases, the part number **3201848** typically refers to a **Ground Terminal Block** (specifically from the Phoenix Contact CLIPLINE series).
These components are essential in industrial control panels and electronic assemblies for safety and circuit organization.
### Technical Specifications
The following table outlines the general technical characteristics of the 3201848 terminal block:
| Feature | Specification |
| :--- | :--- |
| **Type** | Ground / Earth Terminal Block |
| **Connection Method** | Push-in connection (tool-free wiring) |
| **Number of Levels** | 1 |
| **Number of Connections** | 2 |
| **Nominal Cross Section** | 1.5 mm² |
| **Color** | Green-Yellow (Standard for Grounding) |
| **Mounting Type** | DIN Rail (NS 35/7,5 or NS 35/15) |
| **Material** | Polyamide (PA) |
---
### Key Features and Functions
1. **Safety Grounding:** The primary function is to provide a low-resistance path to the ground. This ensures that in the event of a fault, the current is safely directed to the earth, preventing electric shock or equipment damage.
2. **Push-in Technology:** It allows for quick wiring. Rigid conductors or conductors with ferrules can be inserted directly without the need for a screwdriver.
3. **Mechanical Stability:** The metal foot of the terminal block makes a direct electrical connection with the DIN rail, which acts as the grounding busbar.
4. **Durability:** Built to withstand industrial environments, featuring high vibration resistance and flame-retardant materials (UL 94 V0 rating).
### Application Examples
* **Control Cabinets:** Used to organize grounding wires from various sensors and actuators.
* **Automation Systems:** Ensuring electromagnetic compatibility (EMC) by grounding shields.
* **Power Distribution:** Providing a common ground point for modular electronic components.
---
### Wiring Example (Pseudo-Code Representation)
While this is a physical hardware part, it is often represented in E-Plan or CAD software. In a wiring list, it might look like this:
```yaml
Component:
ID: PE_Terminal_01
Part_Number: 3201848
Input:
Wire_Gauge: 1.5mm2
Color: Green/Yellow
Mounting:
Rail_Type: DIN_35
Connection: Rail_Contact_Metal_Foot
```
- ⤷
What is the maximum current capacity for the 1.5 mm² ground terminal?
- ⤷ How does push-in technology compare to screw-clamp terminals?
- ⤷ Are there specific end covers required for the 3201848 model?