3216FF15-R
AI

The **3216FF15-R** is a specific surface-mount technology (SMT) fuse manufactured by Eaton (formerly Bussmann). It is part of the **3216FF series**, widely used for overcurrent protection in compact electronic devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | 3216FF (Fast-acting Chip Fuse) |
| **Package Size** | 3216 (Metric) / 1206 (Imperial) |
| **Current Rating** | 15 Amperes |
| **Voltage Rating (DC)** | 32 Vdc |
| **Voltage Rating (AC)** | 32 Vac |
| **Interrupting Rating** | 150A at 32 Vdc / 50A at 32 Vac |
| **Operating Temp** | -55°C to +125°C |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Dimensions (3216/1206)
The "3216" designation refers to the length and width in millimeters.
* **Length:** 3.2 mm (0.126")
* **Width:** 1.6 mm (0.063")
* **Height:** ~0.8 mm (0.031")
---
### 3. Key Characteristics
* **Fast-Acting (FF):** The "FF" stands for Very Fast-Acting. This means the fuse is designed to open almost instantly when an overcurrent condition occurs, protecting sensitive downstream components like ICs or FETs.
* **Thick Film Technology:** These fuses are typically constructed using a thick film metal element on a ceramic substrate, ensuring high stability and reliability.
* **Low Resistance:** Designed with very low internal resistance to minimize voltage drop across the component during normal operation.
---
### 4. Common Applications
Due to its high current rating (15A) and small 1206 footprint, the 3216FF15-R is commonly found in:
1. **Laptops and Tablets:** Protecting battery charging circuits and main power rails.
2. **LCD/LED Monitors:** Backlight inverter protection.
3. **Digital Cameras:** Power management systems.
4. **Network Hardware:** Protection for line cards and wireless base stations.
5. **Storage Devices:** SSDs and high-speed external drives.
---
### 5. Part Number Breakdown
`3216` + `FF` + `15` + `-R`
* **3216:** Package Size (1206 Imperial).
* **FF:** Fast-Acting characteristic.
* **15:** Amperage rating (15 Amps).
* **-R:** Lead-free/RoHS compliant.
- ⤷What is the difference between a fast-acting and a time-delay fuse in this package size?
- ⤷ How do I calculate the proper de-rating for this fuse at high temperatures?
- ⤷ What are the recommended soldering profiles for 1206 SMT fuses?