3216FF25-R
AI

## 3216FF25-R Component Overview
The **3216FF25-R** is a high-performance, surface-mount (SMD) fast-acting fuse manufactured by **Eaton (formerly Bussmann)**. It is specifically designed to protect sensitive electronic circuits against overcurrent conditions.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Package Size** | 1206 (Metric 3216) |
| **Current Rating** | 2.5 Amperes (A) |
| **Voltage Rating (DC)** | 32 Volts (V) |
| **Voltage Rating (AC)** | 32 Volts (V) |
| **Interrupting Rating** | 50A @ 32VDC |
| **Fuse Characteristic** | Very Fast Acting (FF) |
| **Material** | Ceramic body with silver-plated brass terminals |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Nomenclature Breakdown
Understanding the part number helps identify its physical and electrical properties:
* **3216**: Refers to the physical dimensions in millimeters ($3.2 \text{mm} \times 1.6 \text{mm}$), which corresponds to the standard **1206** imperial package size.
* **FF**: Stands for **Very Fast-Acting**. This indicates that the fuse is designed to open almost instantaneously when a short circuit or overcurrent occurs.
* **25**: Represents the current rating. In this case, **2.5 Amperes**.
* **-R**: Indicates that the component is **RoHS compliant** (lead-free and environmentally friendly).
---
### 3. Core Features and Applications
#### Features
* **Small Footprint:** The 1206 size saves significant board space in compact electronics.
* **Fast Response:** Protects delicate components (like ICs and MOSFETs) that cannot withstand even brief surges.
* **High Thermal Stability:** The ceramic construction ensures it can operate in high-temperature environments without premature aging.
#### Typical Applications
1. **Consumer Electronics:** Laptops, tablets, and smartphones.
2. **Peripherals:** Hard drives, printers, and LCD monitors.
3. **DC-DC Converters:** Protection for power modules.
4. **Battery Packs:** Protecting lithium-ion battery management systems (BMS).
---
### 4. Implementation Considerations
When designing a circuit with the 3216FF25-R, keep the following in mind:
```markdown
1. Derating: At high ambient temperatures, the fuse's current-carrying capacity
decreases. Always consult the temperature derating curve in the datasheet.
2. Voltage Drop: There is a small resistance (approx. 0.030 - 0.040 Ohms)
across the fuse which causes a minor voltage drop.
3. Soldering: Compatible with standard wave and reflow soldering profiles.
```
---
- ⤷What is the difference between a fast-acting (FF) and a slow-blow (T) fuse in this package size?
- ⤷ How do I calculate the proper current derating for this fuse at 85°C?
- ⤷ Are there alternative manufacturers for the 3216FF series?