3216TD8-R
AI

The **3216TD8-R** is a high-performance, surface-mount (SMD) power inductor primarily manufactured by **Eaton (formerly Bussmann)**. It belongs to the 3216TD series, known for its high current handling and rugged construction in a compact footprint.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the 3216TD8-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 8.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~18 mΩ (Max) |
| **Rated Current (Irms)** | ~5.3 Amps |
| **Saturation Current (Isat)** | ~8.0 Amps |
| **Package / Case** | 1206 (Metric 3216) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Shielded construction |
---
### ## Key Features
* **High Power Density:** Provides a high current rating relative to its small 3.2mm x 1.6mm footprint.
* **Magnetic Shielding:** The design minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards.
* **Low DCR:** The low direct-current resistance ensures minimal power loss and reduced heat generation during operation.
* **Ferrite Core:** Utilizes a ferrite drum core for stable performance across a wide frequency range.
---
### ## Applications
The 3216TD8-R is commonly integrated into the following systems:
1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators.
2. **Portable Electronics:** Ideal for smartphones, tablets, and wearables due to the small "1206" size.
3. **Noise Filtering:** Acts as a low-pass filter to smooth voltage ripples in power supply lines.
4. **Computing:** Found in motherboards and GPU power phases for localized voltage regulation.
---
### ## Naming Convention Breakdown
The part number can be decoded as follows:
* **3216:** Refers to the dimensions (3.2mm x 1.6mm).
* **TD:** Series designation (High-current shielded inductor).
* **8:** Nominal Inductance value (8.0 µH).
* **-R:** Indicates RoHS compliance (Lead-free).
- ⤷
What are the equivalent alternative parts for the 3216TD8-R?
- ⤷ How does saturation current affect its performance in a power circuit?
- ⤷ What is the maximum reflow soldering temperature for this component?