331M
AI

The code **331M** is a standard marking used for electronic components, most commonly found on **Ceramic Disc Capacitors** and sometimes on **Inductors**.
### 1. Decoding the Value
The alphanumeric code follows a standard "three-digit" convention where the first two digits are significant figures and the third is the multiplier.
| Part Segment | Value | Description |
| :--- | :--- | :--- |
| **33** | 33 | The base value (significant digits) |
| **1** | $10^1$ (10) | The multiplier (number of zeros to add) |
| **M** | ±20% | The tolerance rating |
**Calculation:**
$33 \times 10 = 330$
---
### 2. Common Component Types
#### A. Ceramic Disc Capacitors
For capacitors, the unit of measurement is always **Picofarads (pF)**.
* **Value in pF:** 330 pF
* **Value in nF:** 0.33 nF
* **Value in µF:** 0.00033 µF
* **Tolerance (M):** ±20%. This means the actual capacitance can range from 264 pF to 396 pF.
#### B. Inductors
If the code appears on a molded or power inductor, the unit of measurement is typically **Microhenries (µH)**.
* **Value:** 330 µH
* **Tolerance (M):** ±20%.
---
### 3. Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Base Value** | 330 |
| **Unit (Capacitor)** | pF (Picofarads) |
| **Unit (Inductor)** | µH (Microhenries) |
| **Tolerance Code** | M (Standard ±20%) |
| **Dielectric (Typical)** | Y5P, Z5U, or X7R (for capacitors) |
---
### 4. Summary of Other Tolerance Codes
While "M" stands for ±20%, you may encounter these other common letters on similar parts:
* **J:** ±5%
* **K:** ±10%
* **Z:** +80% / -20%
---
- ⤷What is the difference between a 331K and a 331M capacitor?
- ⤷ How do I identify if a 331M component is a capacitor or an inductor?
- ⤷ What are the typical voltage ratings for a 331M ceramic capacitor?