34-RVW5GD1200
AI

Based on the part number **34-RVW5GD1200**, this component belongs to the **RVW Series** of high-power, heavy-duty rocker switches manufactured by **E-Switch**. These switches are designed for applications requiring high current ratings and environmental protection.
---
### Technical Specifications
Below is a breakdown of the key technical parameters for this specific electronic part:
| Feature | Specification |
| :--- | :--- |
| **Series** | RVW Series (High Power) |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-OFF-ON |
| **Current Rating** | 20A @ 125VAC / 15A @ 277VAC |
| **Horsepower Rating** | 2HP @ 110-250VAC |
| **Ingress Protection** | IP67 (Dust tight and Waterproof) |
| **Termination** | 6.3mm Quick Connect Tabs |
| **Operating Temperature** | -20°C to 55°C |
---
### Part Number Breakdown
The alphanumeric code follows E-Switch's internal nomenclature to define the physical and electrical characteristics:
1. **34**: Often refers to the internal factory or packaging designation.
2. **RVW**: The series name (Heavy Duty, Full Size, Sealed Rocker).
3. **5**: Indicates the electrical configuration (typically DPDT).
4. **G**: Refers to the terminal type (Quick Connect).
5. **D**: Refers to the function (ON-OFF-ON).
6. **1200**: Specifies the housing/actuator color and marking (usually Black housing/Black actuator without specific illumination).
---
### Key Features
* **Internal Seal:** This switch features an internal "boot" or membrane that provides **IP67 protection** without needing an external rubber cap. This makes it ideal for front-panel mounting in harsh environments.
* **High Power Handling:** Unlike standard rocker switches rated at 5A or 10A, this series handles up to **20 Amps**, making it suitable for industrial motors and heaters.
* **Panel Mount:** Designed to snap directly into a rectangular panel cutout (typically 21.1mm x 36.8mm).
---
### Common Applications
* **Industrial Equipment:** Control panels for floor scrubbers, pressure washers, and machinery.
* **Outdoor Appliances:** Commercial food service equipment and heating systems.
* **Marine & Transportation:** Dashboard controls for boats or heavy-duty vehicles where moisture exposure is likely.
---
- ⤷
What is the exact panel cutout size required for the RVW series?
- ⤷ Does this model come with an illuminated LED option?
- ⤷ What are the alternative terminal types available for this switch series?