3404G-S08-R
AI

## Technical Overview: 3404G-S08-R
The **3404G-S08-R** is a high-performance, low-power **Dual Operational Amplifier (Op-Amp)**. It is widely used in signal conditioning, filtering, and amplification circuits where space and power efficiency are critical.
---
### 1. Key Specifications and Features
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Operating Voltage** | 4V to 36V (Single) or ±2V to ±18V (Dual) |
| **Number of Channels** | 2 Channels |
| **Package Type** | SOP-8 (Surface Mount) |
| **Low Supply Current** | Typ. 0.8mA |
| **Short Circuit Protection** | Built-in output protection |
| **Gain Bandwidth Product** | 1.2 MHz (Typical) |
---
### 2. Component Nomenclature Breakdown
The part number **3404G-S08-R** follows a specific naming convention:
1. **3404**: The functional model number (similar to the industry-standard MC3404).
2. **G**: Halogen-free and Green environmental compliance.
3. **S08**: Package code for **SOP-8** (Small Outline Package with 8 pins).
4. **R**: Packing style, typically indicating **Tape & Reel**.
---
### 3. Pin Configuration (SOP-8)
| Pin No. | Symbol | Function |
| :--- | :--- | :--- |
| 1 | OUTPUT A | Output of the first amplifier |
| 2 | -INPUT A | Inverting input of the first amplifier |
| 3 | +INPUT A | Non-inverting input of the first amplifier |
| 4 | V- / GND | Negative power supply or ground |
| 5 | +INPUT B | Non-inverting input of the second amplifier |
| 6 | -INPUT B | Inverting input of the second amplifier |
| 7 | OUTPUT B | Output of the second amplifier |
| 8 | V+ / Vcc | Positive power supply |
---
### 4. Typical Applications
* **Active Filters:** Low-pass, high-pass, and band-pass filters in audio equipment.
* **Voltage Follower:** Used for impedance matching between high-impedance sensors and low-impedance loads.
* **Signal Conditioning:** Amplifying small sensor signals (like thermocouples or pressure sensors) for ADC input.
* **General Purpose:** Oscillators, integrators, and comparators in industrial control systems.
---
### 5. Circuit Implementation Example
Below is a simple representation of how to wire the 3404G as a **Non-Inverting Amplifier**:
```c
/* Basic Logic for Gain Calculation */
Gain = 1 + (Rf / Rin)
Vout = Vin * (1 + (Rf / Rin))
```
1. Connect the input signal to **Pin 3 (+INPUT A)**.
2. Connect a resistor (**Rin**) from **Pin 2 (-INPUT A)** to ground.
3. Connect a feedback resistor (**Rf**) between **Pin 1 (OUTPUT A)** and **Pin 2**.
4. Supply power to **Pin 8 (V+)** and **Pin 4 (GND)**.
- ⤷What are the main differences between 3404G and the standard LM358?
- ⤷ Can this component be used in single-supply automotive applications?
- ⤷ What is the maximum output current this Op-Amp can drive?