3422L-S08-R
AI

The **3422L-S08-R** is an integrated circuit (IC) primarily designed as an **Asynchronous Dual-Channel RS-232 Driver/Receiver**. It is widely used in telecommunications and computer networking to facilitate serial data exchange between devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Function** | RS-232 Transceiver |
| **Package Type** | SOP-8 (Small Outline Package, 8 pins) |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Number of Drivers** | 2 |
| **Number of Receivers** | 2 |
| **Data Rate** | Up to 120 kbps |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Packing Type** | Tape & Reel (indicated by the 'R' suffix) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific variant of the component:
* **3422**: The core series number (equivalent to the industry-standard MAX3222 or similar architectures).
* **L**: Often indicates a "Lead-free" or RoHS-compliant manufacturing process.
* **S08**: Refers to the **SOP-8** package footprint (8-pin surface mount).
* **R**: Indicates the packaging method, specifically **Tape & Reel** for automated assembly.
---
### 3. Functional Description
The 3422L-S08-R acts as a bridge between TTL/CMOS logic levels (used by microcontrollers) and RS-232 voltage levels (used for long-distance serial communication).
#### Internal Components:
1. **Dual Drivers:** These convert low-voltage CMOS signals (0V to 5V) into high-voltage RS-232 signals (+5V to +15V and -5V to -15V).
2. **Dual Receivers:** These take incoming high-voltage RS-232 signals and step them down to standard 5V logic for the processor to read.
3. **Charge Pump:** Usually requires external capacitors to generate the positive and negative high voltages required for RS-232 levels from a single 5V supply.
---
### 4. Typical Applications
* **Embedded Systems:** Connecting microcontrollers (MCU) to legacy industrial equipment.
* **Modems:** Interfacing data terminal equipment (DTE).
* **Diagnostic Ports:** Providing a serial console for networking hardware (routers/switches).
* **Point of Sale (POS):** Connecting barcode scanners or receipt printers.
---
### 5. Pinout Concept (Typical SOP-8)
While you should always consult the specific datasheet from the manufacturer (like UTC or Unisonic), the 8-pin configuration generally follows this logic:
```text
+---U---+
C1+ | 1 8 | Vcc
V+ | 2 7 | GND
C1- | 3 6 | T1OUT
C2+ | 4 5 | R1IN
+-------+
```
---
- ⤷What are the specific capacitor values required for the charge pump in this IC?
- ⤷ How does the 3422L compare to the MAX232 in terms of power consumption?
- ⤷ Is there a 3.3V version of this transceiver available?