3510-S08-R
AI

The **3510-S08-R** is a specific part number typically associated with an **analog operational amplifier (Op-Amp)** or a specialized **power management IC**, often manufactured by UTC (Unisonic Technologies Co.) or similar semiconductor suppliers.
Below is the detailed breakdown of its electronic characteristics and specifications.
### 1. Component Identification
The part number can be decoded as follows:
| Segment | Meaning |
| :--- | :--- |
| **3510** | The base series (Dual Operational Amplifier) |
| **S08** | Package code: **SOP-8** (Small Outline Package, 8 pins) |
| **R** | Packaging style: **Tape & Reel** |
---
### 2. Technical Specifications
The 3510 series is designed to be a high-performance dual operational amplifier. It is often used as a functional equivalent or improved version of the standard 4558 or 358 series.
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Supply Voltage Range** | $\pm 2V$ to $\pm 18V$ (Dual) or $4V$ to $36V$ (Single) |
| **Bandwidth** | 3 MHz - 5 MHz |
| **Slew Rate** | ~1.0 V/µs |
| **Input Offset Voltage** | 2.0 mV (Typical) |
| **Package** | SOP-8 (Surface Mount) |
---
### 3. Pinout Configuration
The 3510-S08-R follows the standard dual Op-Amp pinout configuration:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT A | Output of the first amplifier |
| 2 | -INPUT A | Inverting input of the first amplifier |
| 3 | +INPUT A | Non-inverting input of the first amplifier |
| 4 | V- / GND | Negative supply or Ground |
| 5 | +INPUT B | Non-inverting input of the second amplifier |
| 6 | -INPUT B | Inverting input of the second amplifier |
| 7 | OUTPUT B | Output of the second amplifier |
| 8 | V+ / Vcc | Positive power supply |
---
### 4. Common Applications
Due to its stable gain and wide supply voltage range, this part is commonly found in:
* **Audio Preamplifiers:** Used for signal conditioning in consumer electronics.
* **Active Filters:** Low-pass, high-pass, and band-pass filters.
* **Voltage Followers:** Buffering signals to prevent loading effects.
* **Industrial Control:** Basic comparators or sensor signal amplification.
---
### 5. Features
* **Internal Frequency Compensation:** No external capacitors required for stability.
* **Short-Circuit Protection:** Outputs are protected against accidental shorts to ground.
* **Low Input Bias Current:** Minimizes errors when using high-value resistors.
- ⤷
What are the equivalent alternative part numbers for the 3510-S08-R?
- ⤷ Can this IC be used in a single-supply 5V digital circuit?
- ⤷ What is the maximum operating temperature for this specific package?