3541G-S08-R
AI

The **3541G-S08-R** is an integrated circuit (IC) primarily designed for power management applications. It is commonly identified as a **high-side power switch** or a **USB power distribution switch**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The 3541G-S08-R is engineered to protect sensitive circuitry from overcurrent and short-circuit conditions, making it ideal for USB ports and hot-swap applications.
| Feature | Specification |
| :--- | :--- |
| **Function** | Current-Limited High-Side Power Switch |
| **Package Type** | SOP-8 (Surface Mount) |
| **Input Voltage Range** | Typically 2.7V to 5.5V |
| **Continuous Current** | Usually rated for 500mA to 1A (variant dependent) |
| **On-Resistance ($R_{DS(on)}$)** | Low (~80mΩ to 100mΩ) to reduce power loss |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Features and Protections
This IC incorporates several safety mechanisms to ensure the longevity of the host device:
* **Overcurrent Protection:** Limits the output current to a safe level if the load exceeds the threshold.
* **Thermal Shutdown:** Automatically turns off the switch if the internal junction temperature exceeds safe limits (typically around 150°C).
* **Undervoltage Lockout (UVLO):** Ensures the device remains off if the input voltage is too low to guarantee stable operation.
* **Soft Start:** Includes internal circuitry to limit inrush current during startup, preventing voltage glitches on the input rail.
* **Fault Flag Output:** An active-low open-drain output (OC) that signals the system controller during overcurrent or over-temperature events.
---
### 3. Pin Configuration (SOP-8)
The standard layout for this type of IC in an SOP-8 package is as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **GND** | Ground reference. |
| 2, 3 | **IN** | Input voltage supply. |
| 4 | **EN** | Enable input (Active High or Active Low depending on version). |
| 5 | **FLG** | Fault flag output (Overcurrent/Over-temperature indicator). |
| 6, 7, 8 | **OUT** | Output voltage to the load. |
---
### 4. Typical Applications
* **USB Hubs and Ports:** Protecting PC motherboards from faulty USB peripherals.
* **Hot-Swap Supplies:** Protecting power rails when modules are plugged in live.
* **Battery Chargers:** Managing charging currents for portable electronics.
* **General Power Distribution:** Used in any 3.3V or 5V rail system requiring protection.
- ⤷What is the difference between active-high and active-low enable pins for this IC?
- ⤷ How do I calculate the thermal dissipation requirements for an SOP-8 package?
- ⤷ Can this IC be used for 12V power rail protection?