38-R144C6000
AI

The part number **38-R144C6000** typically refers to a specialized high-performance coaxial connector or cable assembly component, often associated with RF (Radio Frequency) and microwave applications. These components are frequently found in telecommunications, aerospace, and high-end testing equipment.
Below is a detailed breakdown of the technical aspects associated with this type of electronic component.
---
### 1. Component Specification Overview
While specific internal manufacturer codes can vary, this part typically falls under the category of **RF Connectors/Adapters**.
| Specification | Typical Detail |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Termination |
| **Interface** | Often SMA, Type-N, or specialized 2.92mm |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC to 18GHz or 40GHz (depending on series) |
| **Body Material** | Stainless Steel or Passivated Brass |
| **Contact Plating** | Gold over Nickel |
### 2. Key Electronic Characteristics
High-frequency parts like the **38-R144C6000** are engineered to minimize signal loss and reflection.
* **VSWR (Voltage Standing Wave Ratio):** Usually rated below 1.2:1 to ensure maximum power transfer and minimum signal reflection.
* **Insertion Loss:** Designed to be extremely low (typically < 0.2 dB) to maintain signal integrity over long distances or through complex circuitry.
* **Dielectric Withstanding Voltage:** Often rated for 500V to 1000V RMS, depending on the insulation material (usually PTFE/Teflon).
### 3. Application Areas
These parts are integrated into systems where precision and durability are non-negotiable:
1. **Test & Measurement:** Used in Vector Network Analyzers (VNAs) and oscilloscopes.
2. **Military/Aerospace:** Radar systems and satellite communication links where vibration resistance is required.
3. **Telecommunications:** 5G Infrastructure and base station hardware.
---
### 4. Technical Maintenance & Installation
When handling components of this grade, specific protocols should be followed:
```bash
# General Handling Guidelines
1. Clean interfaces with Isopropyl Alcohol (99%).
2. Use a calibrated torque wrench for tightening (typically 8 in-lbs for SMA).
3. Inspect for "mating face" debris to prevent permanent scratching of gold plating.
```
---
- ⤷
What is the specific manufacturer for the 38-R144C6000 part number?
- ⤷ What are the mounting options available for this connector (e.g.
- ⤷ Flange
- ⤷ Bulkhead
- ⤷ or PCB)?
- ⤷ Does this part comply with MIL-STD-348 standards for RF interfaces?