AI

The part number **38-R144F1000** typically refers to a specialized component often found in high-performance computing (HPC), server infrastructure, or networking hardware. Based on industry standards, this identifier is frequently associated with **PCIe Riser Cards** or **Server Expansion Modules**.
---
### Technical Specifications & Overview
This component is designed to facilitate the connection between a motherboard and peripheral expansion cards (such as GPUs, NICs, or RAID controllers) in space-constrained environments like 1U or 2U rackmount servers.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | PCIe Riser Card / Expansion Board |
| **Interface** | PCIe x16 (typically Gen 3 or Gen 4) |
| **Form Factor** | Low-profile / Proprietary Rackmount |
| **Typical Application** | Server GPU expansion / Storage controllers |
| **Compatibility** | Specialized Server Chassis (e.g., Gigabyte, Tyan, or Supermicro) |
---
### Key Functions
1. **Signal Routing:** It reroutes the high-speed PCIe lanes from the motherboard's horizontal slot to a vertical or offset position, allowing full-sized cards to fit in slim chassis.
2. **Power Delivery:** These boards often include additional power circuitry to ensure that high-draw components (like high-end networking cards) receive stable 12V and 3.3V rails.
3. **Signal Integrity:** High-quality capacitors and traces on the PCB ensure that data transmission remains stable across the extended physical distance.
### Installation Context
In a typical server setup, the **38-R144F1000** would be installed as follows:
* **Bottom Connection:** Plugs into the "Riser" slot on the server motherboard.
* **Top/Side Connection:** Provides one or more PCIe slots for the actual peripheral card.
* **Retention:** Usually secured via a metal bracket specific to the server's internal cage.
---
### Troubleshooting & Maintenance
If you are dealing with a faulty unit, check the following:
* **Physical Alignment:** Ensure the gold fingers are clean and fully seated in the motherboard slot.
* **PCIe Training Errors:** If the connected card is not recognized, check if the BIOS/UEFI requires a specific PCIe bifurcation setting (e.g., splitting x16 into x8/x8).
* **Thermal Management:** Ensure the riser isn't blocking critical airflow to the CPU or the card it is supporting.
- ⤷
Is this part compatible with Gen 5 PCIe slots?
- ⤷ Which specific server models use the 38-R144F1000 riser?
- ⤷ How do I test for signal degradation on a PCIe riser card?