38-RSC141C1000126
AI

The part number **38-RSC141C1000126** typically refers to a high-quality **Power Rocker Switch** produced by manufacturer **E-Switch** (part of their RSC series). These switches are commonly used in industrial equipment, household appliances, and power strips.
---
### 1. Technical Specifications
The RSC series is known for its compact size and high current capacity. Below are the typical technical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Rocker |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Function** | On-Off |
| **Current Rating** | 20A 125VAC / 15A 250VAC |
| **Contact Resistance** | 20 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,500VAC for 1 minute |
| **Operating Temp** | -20°C to +105°C |
| **Mounting Type** | Panel Mount (Snap-in) |
---
### 2. Breakdown of the Part Number
Manufacturers use alphanumeric codes to define specific features of the component. For the E-Switch RSC series, the breakdown usually follows this logic:
* **RSC1**: Series Identifier (Power Rocker Switch).
* **4**: Circuitry configuration (SPST).
* **1**: Housing color (usually Black).
* **C**: Actuator color (usually Red or Black, depending on specific sub-catalog).
* **1000**: Marking type (often "No Marking" or specific standard I/O icons).
* **126**: Terminal type (likely Quick Connect/Solder tabs, 6.3mm size).
---
### 3. Physical Features & Construction
* **Actuator:** The "rocker" part that the user presses. It is designed for ergonomic tactile feedback.
* **Housing:** Made of high-temperature Nylon (UL94 V-2 or V-0 rated) to ensure fire safety.
* **Terminals:** Silver-plated copper alloy for high conductivity and to prevent oxidation.
* **Mounting:** Features "snap-in" plastic wings that allow the switch to be pushed into a rectangular cutout without screws.
---
### 4. Common Applications
Due to its high amperage rating (up to 20A), this switch is found in:
1. **Industrial Controls:** Powering on/off heavy-duty machinery.
2. **Home Appliances:** Used in vacuum cleaners, coffee makers, and heaters.
3. **IT Infrastructure:** Main power switches for server racks or UPS systems.
4. **Audio/Visual:** Power management for amplifiers and mixing consoles.
- ⤷What is the standard panel cutout size for the RSC series?
- ⤷ Can this switch be used in DC applications instead of AC?
- ⤷ Are there illuminated versions of this specific rocker switch?