AI

Based on the part number provided, this component belongs to the **RSC Series** of rocker switches manufactured by **E-Switch**. Specifically, the **38-RSC141D1011137** is a high-capacity power rocker switch designed for industrial and consumer appliances.
---
### 1. Part Number Breakdown
The alphanumeric string defines the specific mechanical and electrical characteristics of the switch:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **RSC** | Series Name | RSC Series Power Rocker Switch |
| **1** | Pole Configuration | Single Pole (SP) |
| **4** | Circuit Function | ON-OFF |
| **1** | Housing Color | Black |
| **D** | Actuator Type/Color | Black Actuator (standard rocker) |
| **1011** | Contact Material | Silver Plated Contacts |
| **137** | Terminal/Marking | Specific terminal style (likely Quick Connect) and Custom Marking |
---
### 2. Key Technical Specifications
Below are the typical electrical and physical parameters for the RSC series:
* **Electrical Rating:**
* 20A @ 125VAC [cURus]
* 16A @ 250VAC [cURus]
* 1/4 HP @ 125/250VAC [cURus]
* **Contact Resistance:** 20mΩ Max (initial)
* **Insulation Resistance:** 100MΩ Min. @ 500VDC
* **Dielectric Strength:** 1,500VAC for 1 minute
* **Operating Temperature:** -20°C to 105°C
* **Mechanical Life:** 30,000 Cycles
* **Panel Cutout:** 12.1mm x 27.2mm (Standard rectangular snap-in)
---
### 3. Features and Construction
* **Snap-in Mounting:** Designed for easy installation into a rectangular panel cutout without the need for additional hardware.
* **High Current Rating:** Capable of handling up to 20 Amps, making it suitable for heavy-duty power supplies, space heaters, and industrial machinery.
* **Silver Contacts:** Provides excellent conductivity and prevents oxidation under high-load switching conditions.
* **Compact Design:** Despite its high power rating, it maintains a relatively slim profile for space-constrained panels.
---
### 4. Common Applications
* **HVAC Equipment:** Fans, heaters, and air conditioning controls.
* **Commercial Appliances:** Coffee makers, commercial ovens, and dishwashers.
* **Industrial Controls:** Power distribution units (PDUs) and control panels.
* **Medical Equipment:** Devices requiring robust power switching.
- ⤷
What are the specific dimensions for the panel cutout for this switch?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ Are there illuminated versions available in the RSC series?