38-RSC145C1100
AI

Based on the part number **38-RSC145C1100**, this component is a **RSC Series High-Current Rocker Switch**, typically manufactured by **E-Switch**. These switches are designed for robust applications requiring high power handling in a compact form factor.
---
### 1. Component Specifications
The following table outlines the technical characteristics typical for the **RSC145C1100** model:
| Attribute | Specification |
| :--- | :--- |
| **Switch Type** | Rocker |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | On-Off |
| **Current Rating** | 20A @ 125VAC / 15A @ 250VAC |
| **Termination Style** | Quick Connect (6.3mm tabs) |
| **Actuator Color** | Black |
| **Housing Color** | Black |
| **Marking** | None (Plain Actuator) |
| **Operating Temp** | -20°C to +105°C |
---
### 2. Breakdown of the Part Number
The part number is structured to define the physical and electrical attributes of the switch:
1. **38 (Prefix):** Often used by distributors (like Mouser) to categorize E-Switch products.
2. **RSC:** Series designation (High-current power rocker).
3. **14:** Panel cutout size (approx. 12.1mm x 27.2mm).
4. **5:** Contact Material (usually Silver).
5. **C:** Terminal Type (Quick Connect/Solder Lug).
6. **1100:** Specific aesthetic configuration (Black body, Black actuator, no illumination, no special markings).
---
### 3. Key Applications
Because of its high amperage rating (up to 20A), this switch is commonly found in:
* **Industrial Power Supplies:** Main power toggle for equipment.
* **Appliances:** Vacuum cleaners, heaters, and kitchen electronics.
* **Audio/Visual:** Power strips and professional amplifiers.
* **HVAC Systems:** Control panels for fans and blowers.
---
### 4. Installation & Safety
* **Panel Mounting:** This is a "snap-in" switch. It requires a rectangular cutout in the chassis.
* **Wiring:** It is recommended to use 1/4" (6.3mm) female insulated crimp connectors for secure attachment to the terminals.
* **Certification:** These parts are generally UL and CSA recognized, ensuring they meet safety standards for high-voltage AC switching.
- ⤷
What are the specific panel cutout dimensions for the RSC14 series?
- ⤷ Does this switch model support internal LED illumination?
- ⤷ What is the mechanical life expectancy (cycles) for this switch?