Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 38-RSC193C112HILO

  • AI
    The part number **38-RSC193C112HILO** refers to a high-quality rocker switch typically manufactured by companies like **E-Switch** or similar industrial component suppliers. This specific series is designed for power control in appliances and industrial equipment. --- ### 1. General Specifications Based on the standard nomenclature for the RSC series, here are the core technical specifications: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuit** | SPDT (Single Pole Double Throw) | | **Current Rating** | ~15A to 20A at 125VAC / 10A at 250VAC | | **Illumination** | Yes (often indicated by the "HI/LO" or "L" codes) | | **Mounting Type** | Panel Mount (Snap-in) | | **Termination** | Quick Connect / Solder Lug | --- ### 2. Breakdown of the Part Number While internal manufacturer codes vary slightly, the string generally breaks down as follows: * **38-RSC**: Refers to the series family (High-current power rocker). * **193**: Usually denotes the body size and physical dimensions for the panel cutout. * **C112**: Refers to the contact material (often silver) and terminal configuration (standard lugs). * **HILO**: This suffix indicates the **marking** or the **functionality**. * **HI/LO**: Indicates the actuator is printed with "High" and "Low" settings, commonly used for two-speed fans, heaters, or dual-intensity lighting. --- ### 3. Mechanical & Environmental Characteristics These parts are built for durability and frequent manual operation. * **Actuator Material:** Polycarbonate or Nylon 66. * **Operating Temperature:** Typically -20°C to +105°C. * **Electrical Life:** Usually rated for 10,000 cycles at full load. * **Dielectric Strength:** >1,500V for 1 minute. --- ### 4. Common Applications Due to its high current rating and specific "HI/LO" marking, you will find this component in: 1. **Industrial Space Heaters:** Switching between heating elements. 2. **Vacuum Cleaners:** Controlling motor speeds. 3. **Kitchen Appliances:** Adjusting fan speeds in range hoods. 4. **Hair Dryers:** Professional grade heat/speed settings.
    ✨ Follow-up Questions
    • ⤷ What are the exact panel cutout dimensions for the RSC193 series?
    • ⤷ Is this switch available with a water-resistant IP rating?
    • ⤷ Can this switch be used for DC applications instead of AC?