38-RSCF141D1123
AI

Based on your query, the part number **38-RSCF141D1123** typically identifies a specific configuration of a high-current **Rocker Switch**, often manufactured by companies like **Carling Technologies** or similar industrial switch suppliers.
---
### 1. Technical Specifications
This component is designed for heavy-duty applications where manual power control is required. Below is a breakdown of its likely technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rocker Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | ON - OFF |
| **Current Rating** | ~20A at 125VAC / 15A at 250VAC |
| **Illumination** | Non-Illuminated (Standard) |
| **Termination** | .250" Quick Connect Terminals |
| **Mounting Type** | Snap-in Panel Mount |
---
### 2. Part Number Breakdown (Typical Syntax)
While internal manufacturer codes vary, the structure **RSCF141D1123** generally follows this logic:
* **RS:** Rocker Switch series.
* **C:** Circuitry (Single Pole).
* **F:** Rating/Actuator style (Standard curved rocker).
* **141:** Specific physical dimensions and terminal style.
* **D:** Actuator Color (often represents Black).
* **1123:** Manufacturing lot code or specific secondary options (like legend printing).
---
### 3. Key Features and Applications
#### Key Features
* **Snap-in Design:** Allows for easy installation into a rectangular panel cutout without the need for additional hardware.
* **High Load Handling:** Designed to handle inductive and resistive loads commonly found in appliances.
* **Durability:** Typically rated for 50,000+ mechanical cycles.
#### Common Applications
1. **Industrial Equipment:** Power controls for machinery and shop tools.
2. **Appliances:** Vacuum cleaners, coffee makers, and space heaters.
3. **Power Strips:** Used as the main reset or master power switch.
4. **Automotive/Marine:** Control panels for secondary accessories (lighting, fans).
---
### 4. Connection Diagram
The SPST configuration is the simplest form of a switch, functioning as a bridge in a single wire path:
```text
[Line In] -------- [Terminal 1]
|
[Switch]
|
[Load] -------- [Terminal 2]
```
---
- ⤷
What is the exact panel cutout dimension for the RSCF series?
- ⤷ Does this switch come in an illuminated (LED) version?
- ⤷ What is the peak inrush current rating for this specific model?