AI

The **38BIS8-0-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to manage energy storage and filter noise.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the general technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shielded SMD Power Inductor |
| **Inductance Range** | Varies by sub-model (often denoted by the "8-0" suffix) |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly between manufacturers (such as Sumida, Chilisin, or others), the code usually breaks down as follows:
* **38**: Refers to the physical dimensions (e.g., approximately 3.8mm or a specific form factor).
* **BIS**: Series identifier (often indicating a high-current, low-profile design).
* **8-0**: Generally represents the inductance value or a specific design revision.
* **R**: Typically indicates "RoHS Compliant" or "Tape & Reel" packaging.
---
### 3. Function and Applications
The 38BIS8-0-R serves several critical roles in an electronic assembly:
#### A. Energy Storage
In DC-DC converters (Buck or Boost converters), the inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to provide a steady output voltage.
#### B. Noise Filtration
It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise, which protects sensitive components like microprocessors.
#### C. Common Use Cases:
* **Mobile Devices:** Smartphones and tablets where space is limited.
* **Computing:** Power modules for laptops and servers.
* **Consumer Electronics:** LED drivers and portable media players.
---
### 4. Physical Characteristics
* **Shielding:** The "Shielded" nature means the magnetic flux is contained within the component. This is vital for high-density PCB layouts where components are close together, as it prevents interference with neighboring traces.
* **Footprint:** Small form factor designed for automated pick-and-place assembly.
- ⤷
What are the exact dimensions (L x W x H) for the 38 series footprint?
- ⤷ How does a shielded inductor compare to an unshielded one in terms of EMI?
- ⤷ What is the typical saturation current for this specific model?