Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 38BSH3-0-R

  • AI
    The **38BSH3-0-R** is a specific type of **Incremental Optical Encoder** commonly used in industrial automation for motion control and position sensing. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Overview The part belongs to a series of hollow shaft encoders. These devices convert mechanical rotation into electrical signals (pulses) to determine speed, position, or direction. | Feature | Specification (Typical) | | :--- | :--- | | **Encoder Type** | Incremental Optical | | **Shaft Type** | Hollow Shaft (Blind) | | **Output Phase** | A, B, and Z (Index Pulse) | | **Power Supply** | 5V DC or 8-30V DC (Model dependent) | | **Construction** | Metal housing for EMI shielding | --- ### 2. Key Technical Specifications #### A. Electrical Characteristics * **Resolution (PPR):** This specific series supports various "Pulses Per Revolution" (typically ranging from 100 to 5000 PPR). * **Output Signal:** Usually **Line Driver** (RS422) or **Push-Pull** (HTL). Line drivers are preferred for long-distance transmission as they resist electrical noise. * **Current Consumption:** Low power, usually < 100mA. #### B. Mechanical Integration * **Outer Diameter:** 38mm (The "38" in the part number indicates the housing size). * **Shaft Diameter:** Usually 6mm or 8mm hollow bore. * **Mounting:** Uses a flexible leaf spring (stator coupling) to absorb vibrations from the motor shaft. --- ### 3. Pinout and Connection Table Most encoders in this series use a standard color-coding for their wires or a circular connector. | Wire Color | Signal | Description | | :--- | :--- | :--- | | **Red** | Vcc | Positive Power Supply | | **Black** | GND | Ground | | **Green** | A | Phase A Pulse | | **White** | B | Phase B Pulse (90° Offset) | | **Yellow** | Z | Index Pulse (1 per Rev) | | **Shield** | PE | Earth/Shielding | --- ### 4. Common Applications 1. **CNC Machines:** Tracking the position of the cutting head. 2. **Conveyor Systems:** Measuring the speed of the belt. 3. **Elevators:** Ensuring precise floor leveling. 4. **Robotic Arms:** Feedback for joint movement. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and absolute encoder?
    • ⤷ How do I calculate the RPM based on the encoder pulses?
    • ⤷ What are the common causes of signal noise in this specific encoder model?