Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3953_05

  • AI
    Based on your inquiry, **3953_05** typically refers to a specific series of high-performance connectors, most notably associated with **Molex** (specifically the 3.96mm Pitch Eurostyle Horizontal Plug series) or in some contexts, specific automotive/industrial PCB components. Below is a breakdown of the electronic specifications and characteristics for this part category. --- ### 1. General Specifications These parts are generally part of the **Eurostyle Terminal Block** family, designed for secure wire-to-board connections in industrial environments. | Feature | Specification (Typical) | | :--- | :--- | | **Pitch (Spacing)** | 3.96mm (0.156") | | **Current Rating** | 10.0A - 12.0A per circuit | | **Voltage Rating** | 300V | | **Circuit Count** | 5 Circuits (as indicated by the "_05" suffix) | | **Orientation** | Horizontal (Right-Angle) | | **Wire Gauge Range** | 14-24 AWG | --- ### 2. Key Component Materials The reliability of the 3953_05 series depends on its material composition: * **Housing:** Usually made of **Polyamide (Nylon)**, often rated UL 94V-0 for flame retardancy. * **Contact Material:** Phosphor Bronze or Brass for high conductivity. * **Contact Plating:** Tin plating is standard to prevent oxidation and ensure easy soldering/connection. * **Screw Material:** Zinc-plated Steel (for the wire-clamping mechanism). --- ### 3. Application Use-Cases These electronic parts are found in systems where durability and field-serviceability are required: 1. **Industrial Controls:** Used in PLC (Programmable Logic Controller) I/O modules. 2. **Power Supplies:** Serving as the output interface for DC power distribution. 3. **HVAC Systems:** Connecting thermostats and sensors to main control boards. 4. **Medical Equipment:** Internal power routing where modularity is needed. --- ### 4. Technical Drawing Reference In electronic design (EDA), the footprint for this part follows a standard grid. If you are using this in a PCB design software (like Altium or Eagle), ensure the following: ```text Pin Spacing: 3.96mm Hole Diameter: ~1.40mm Mechanical: - (A) Length = (Number of Circuits x Pitch) - (B) Locking Tabs = Optional based on "39533" vs "39530" series ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 39530 and 39533 series variants?
    • ⤷ What are the torque specifications for the wire-clamping screws?
    • ⤷ Are there gold-plated versions of this connector for low-signal applications?