3AB10-R
AI

The **3AB10-R** is a specific model of a **Ceramic Body Cartridge Fuse**, part of the 3AB series (equivalent to the 3AG size but with a ceramic body for higher interrupting ratings). It is manufactured by companies like Littelfuse and Bel Fuse.
Below is a breakdown of its technical specifications, construction, and typical applications.
---
### 1. Technical Specifications
The "10-R" suffix typically denotes a 10 Ampere rating and compliance with RoHS standards.
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 10 Amperes (10A) |
| **Voltage Rating (AC)** | 250V (Standard) |
| **Body Material** | Ceramic |
| **Response Characteristic** | Fast-Acting (F) |
| **Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") |
| **Termination Style** | Cartridge (Ferrule) |
| **Interrupting Rating** | High (Commonly 750A - 1500A @ 250VAC) |
| **RoHS Compliant** | Yes (indicated by the "-R") |
---
### 2. Key Components and Construction
The 3AB10-R is designed to handle higher energy levels than standard glass fuses.
* **Ceramic Tube:** Unlike glass fuses, the ceramic body is opaque and much stronger. It allows the fuse to withstand higher temperatures and internal pressure during a high-current short circuit without shattering.
* **Internal Element:** A calibrated wire or strip made of copper or silver alloy that melts when the current exceeds 10A for a specific duration.
* **Arc Quenching Filler:** Many 3AB fuses are filled with high-purity silica sand. This sand helps extinguish the electrical arc formed when the fuse blows, preventing the current from jumping across the gap.
* **Nickel-Plated Brass Caps:** Ensure high conductivity and corrosion resistance at the contact points.
---
### 3. Comparison: 3AB vs. 3AG
| Feature | 3AB (Ceramic) | 3AG (Glass) |
| :--- | :--- | :--- |
| **Visibility** | Opaque (cannot see if blown) | Transparent (easy to inspect) |
| **Breaking Capacity** | High (Interrupts high fault currents) | Low to Medium |
| **Durability** | High thermal and shock resistance | Fragile |
---
### 4. Typical Applications
Due to its high interrupting rating, the 3AB10-R is commonly used in industrial and high-power environments:
* **Power Supplies:** Protecting the primary side of AC/DC converters.
* **Industrial Controls:** Protecting PLCs and heavy-duty relays.
* **Appliances:** High-wattage kitchen appliances and HVAC systems.
* **Motors:** Used in circuits where initial "in-rush" current might occur, though fast-acting types like this are usually for sensitive electronics.
---
- ⤷
What is the difference between a 'Fast-Acting' and 'Slo-Blo' fuse in the 3AB series?
- ⤷ How can I test a 3AB10-R fuse if I cannot see through the ceramic body?
- ⤷ Are there specific fuse holders recommended for the 6.3mm x 32mm form factor?