3AG10-R
AI

The **3AG10-R** typically refers to a specific type of **Fast-Acting Glass Tube Fuse**. The alphanumeric code identifies its size, electrical characteristics, and compliance standards.
---
## 1. Technical Specifications
The "3AG" designation is a standard industry size for fuses, commonly used in North America for consumer electronics and industrial equipment.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | 3AG (also known as 0.25" x 1.25" or 6.3mm x 32mm) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **Current Rating** | 10 Amperes (indicated by the "10") |
| **Voltage Rating** | Typically 250V AC |
| **Response Time** | Fast-Acting (F) / Quick Acting |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Components & Construction
The fuse is comprised of four primary electronic/mechanical parts:
1. **The Glass Body:** Provides a transparent housing that allows for visual inspection. If the fuse is "blown," you can often see a broken wire or dark scorching inside.
2. **The Element:** A thin metallic wire or strip designed to melt at a specific temperature (caused by overcurrent). In a **10A** version, this wire is calibrated to withstand 10 Amps indefinitely but melt rapidly if the current spikes.
3. **Endcaps:** Conductive caps that provide the electrical interface between the fuse and the fuse holder.
4. **Arc Quenching Media:** While some 3AG fuses are hollow, higher-voltage variants may contain silica sand to extinguish the electrical arc formed when the fuse blows.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in sourcing replacements:
* **3AG:** The physical size (1/4 inch diameter, 1-1/4 inch length).
* **10:** The Maximum Current rating (10 Amps).
* **-R:** Indicates **RoHS compliance**, meaning the part is manufactured without hazardous substances like lead.
---
## 4. Typical Applications
Because it is a **Fast-Acting** fuse, the 3AG10-R is used to protect sensitive components that cannot withstand even a brief surge.
* **Power Supplies:** Protecting the input stage of desktop computers or laboratory equipment.
* **Amplifiers:** Safeguarding output transistors in audio equipment.
* **Test Instruments:** Used inside multimeters and oscilloscopes.
* **Consumer Appliances:** Microwave ovens and older television sets.
---
- ⤷
What is the difference between a 3AG and a 3AB fuse?
- ⤷ How do I test if a 3AG10-R fuse is blown using a multimeter?
- ⤷ Can I replace a Fast-Acting 10A fuse with a Slow-Blow 10A fuse?