3AG12-R
AI

## Electronic Specifications: 3AG12-R
The **3AG12-R** is a specific model of a **fast-acting glass tube fuse**. The "3AG" designation refers to the physical size standard (also known as 0AG or 1/4" x 1-1/4"), and the "-R" suffix typically indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | 3AG12-R |
| **Current Rating** | 12 Amperes |
| **Voltage Rating** | 250 Volts AC |
| **Fuse Type** | Fast-Acting / Fast Blow (F) |
| **Body Material** | Glass Tube |
| **Termination Style** | Cartridge (Ferrule) |
| **Standard Dimensions** | 6.35mm x 31.75mm (1/4" x 1-1/4") |
| **RoHS Compliant** | Yes |
---
### Key Features and Construction
1. **Fast-Acting Response**:
Designed to open (blow) quickly when the current exceeds the 12A rating. Unlike "Slow-Blow" (Time-Delay) fuses, these do not have a built-in delay to handle temporary surges.
2. **Glass Body**:
The transparent glass allows for easy visual inspection. If the internal wire is broken or the glass is blackened, the fuse is blown.
3. **Physical Standard**:
The **3AG** size is one of the most common fuse sizes used in North America, particularly in older consumer electronics, automotive testers, and power supplies.
4. **Nickel-Plated Brass Caps**:
The end caps provide high conductivity and corrosion resistance for secure contact within a fuse holder or clip.
---
### Typical Applications
* **Power Supplies**: Protecting the primary side of AC/DC converters.
* **Consumer Electronics**: Used in amplifiers, older television sets, and appliances.
* **Industrial Equipment**: General circuit protection where high inrush currents are not expected.
* **Test Instruments**: Multimeters and diagnostic tools often use this size for overload protection.
---
### Safety Warnings
* **Replacement**: Always replace a 3AG12-R with a fuse of the same current (12A) and voltage (250V) rating.
* **Voltage**: You can use a 250V fuse in a 125V circuit, but you **cannot** use a lower voltage fuse in a higher voltage circuit.
- ⤷
What is the difference between a Fast-Acting fuse and a Slow-Blow fuse in a 12A circuit?
- ⤷ Can I replace a glass 3AG fuse with a ceramic version of the same rating?
- ⤷ What are the common mounting methods for 3AG style fuses?