Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3AG500-R

  • AI
    ## Overview of 3AG 500-R The **3AG 500-R** is a specific type of electronic component, primarily a **Glass Body Cartridge Fuse**. It belongs to the 3AG series, which is a standard size for North American fuses (1/4" x 1-1/4"). The "R" suffix typically denotes that the part is **RoHS compliant** (Lead-Free). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | 3AG 500-R | | **Current Rating** | 500mA (0.5 Amps) | | **Voltage Rating** | 250V AC | | **Fuse Type** | Fast-Acting (Fast Blow) | | **Body Material** | Glass | | **Physical Size** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Termination Style** | Cartridge (Ferrule) | | **Compliance** | RoHS Compliant | --- ### Key Characteristics 1. **Fast-Acting Response**: Designed to open quickly when an overload or short circuit occurs. It provides excellent protection for sensitive electronic components that cannot withstand current surges. 2. **Glass Body Construction**: The transparent glass allows for easy visual inspection. If the fuse is blown, the internal element will usually be visibly broken or the glass will be discolored. 3. **Standard Form Factor**: The 3AG size is one of the most common fuse standards in the world, making it easy to find replacement holders, clips, and blocks. --- ### Applications The 3AG 500-R is commonly used in low-current electronic circuits to prevent damage from overcurrent conditions. Common applications include: * **Power Supplies**: Protecting the primary or secondary side of small transformers. * **Consumer Electronics**: Used in amplifiers, older televisions, and testing equipment. * **Industrial Equipment**: Control circuits and instrumentation panels. --- ### Safety Note When replacing a **3AG 500-R**, always ensure the power is disconnected. Never replace a fuse with one of a higher amperage rating (e.g., replacing 500mA with 2A), as this removes the protection for the circuit and creates a fire hazard.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting fuse like the 3AG 500-R and a slow-blow fuse?
    • ⤷ Can I use a 3AG fuse in a 3AB fuse holder?
    • ⤷ How do I test if a 3AG 500-R fuse is blown using a multimeter?