AI

The **3JS7-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Crystal Oscillator**. These parts are critical for providing a stable clock frequency in digital circuits.
### 1. Technical Specifications
The "3JS7-R" series usually belongs to high-precision frequency control components. Below are the typical technical parameters for this class of device:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator / SMD Resonator |
| **Package Size** | 3.2mm x 2.5mm (Standard 3225 package) |
| **Frequency Range** | Usually 8.000 MHz to 54.000 MHz |
| **Frequency Tolerance** | ±10ppm to ±30ppm |
| **Load Capacitance** | 8pF, 10pF, or 12pF |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Physical Characteristics
The **"R"** suffix often denotes that the part is supplied on a **Tape and Reel**, intended for automated Pick-and-Place assembly lines.
* **Construction:** Metal seam-sealed package for high reliability and environmental protection.
* **Pins:** Usually 4 pads (Two for crystal connection, two for grounding to reduce EMI).
---
### 3. Functional Role in Electronics
The 3JS7-R serves as the "heartbeat" of an electronic system. Its primary functions include:
1. **Clock Generation:** Providing the base frequency for Microcontrollers (MCUs) and CPUs.
2. **Timing Accuracy:** Ensuring that data transmission in protocols like USB, UART, or Ethernet happens at the correct intervals.
3. **Frequency Synthesis:** Acting as a reference for Phase-Locked Loops (PLLs) to create higher frequencies.
---
### 4. Common Applications
Due to its small footprint (3225 size), it is found in:
* **Consumer Electronics:** Smartphones, tablets, and wearables.
* **IoT Devices:** Low-power wireless sensors (Zigbee, Bluetooth).
* **Automotive:** Infotainment systems and sensor modules.
---
### 5. Part Number Breakdown (General Pattern)
While manufacturers vary, the nomenclature usually follows this logic:
```text
3J S 7 - R
| | | |
Series SMD Size Reel Packaging
Code Type (3225) (Tape & Reel)
```
- ⤷
What are the differences between a crystal resonator and a crystal oscillator?
- ⤷ How do I choose the correct load capacitance for a 3225 crystal?
- ⤷ Can the 3JS7-R be used in high-vibration automotive environments?