Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3JSMS

  • AI
    ### Overview of 3JSMS Electronic Components The **3JSMS** refers to a high-performance **3-Joint Serial Micro-Surgical** robotic system or similar precision micro-manipulation platforms. These systems are designed for extreme accuracy, often used in ophthalmology or neurology. The electronics are divided into three main layers: **Actuation**, **Sensing**, and **Control**. --- ### 1. Core Electronic Components | Component Type | Specific Parts | Function | | :--- | :--- | :--- | | **Actuators** | Piezoelectric motors or Coreless DC motors | Provides high-resolution movement with zero backlash. | | **Sensors** | Optical Encoders / Strain Gauges | Monitors joint position and provides haptic feedback (force sensing). | | **Microcontroller** | ARM Cortex-M series or FPGA | Processes real-time kinematics and control loops. | | **Communication** | EtherCAT or CAN bus | Ensures low-latency data transfer between the master and slave arms. | | **Power Stage** | H-Bridge Drivers / Linear Amplifiers | Converts control signals into high-current drive for motors. | --- ### 2. The Control Architecture The electronic workflow of the 3JSMS follows a closed-loop system: 1. **Input (Master Device):** A stylus or joystick captures the surgeon's hand movements via potentiometers or optical sensors. 2. **Processing (Controller):** The central unit scales down the motion (e.g., 10:1 ratio) and filters out physiological tremors using digital signal processing (DSP). 3. **Output (Slave Robot):** The 3 joints are driven by precision drivers to replicate the scaled movement. --- ### 3. Key Technical Specifications To achieve surgical-grade precision, the electronics must meet specific criteria: * **Resolution:** Often in the range of **1–10 micrometers**. * **Latency:** Must be less than **10ms** to prevent "visual lag" for the operator. * **EMI Shielding:** High-grade shielding is required to prevent interference with other hospital equipment (e.g., MRI or monitors). --- ### 4. Sample Control Code (Pseudo-code) This block represents how a microcontroller might handle the 3-joint coordinate transformation: ```cpp // Basic structure for 3-Joint Coordinate Calculation void updateJoints(float x, float y, float z) { // Inverse Kinematics for 3-Joint Serial Link float theta1 = atan2(y, x); float theta2 = calculateElbow(x, y, z); float theta3 = calculateWrist(x, y, z); // Send PWM signals to Motor Drivers pwm_write(PIN_J1, mapToDutyCycle(theta1)); pwm_write(PIN_J2, mapToDutyCycle(theta2)); pwm_write(PIN_J3, mapToDutyCycle(theta3)); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using Piezoelectric motors over standard DC motors in this system?
    • ⤷ How does the system handle tremor filtration electronically?
    • ⤷ What safety protocols are built into the electronic hardware for surgical robots?