Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3R9H255-R

  • AI
    The part number **3R9H255-R** typically refers to a **Gas Discharge Tube (GDT)**, which is a specialized surge protection device used to safeguard electronic equipment from high-voltage transients (such as lightning strikes or industrial power surges). --- ### 1. Technical Specifications Gas Discharge Tubes are categorized by their breakdown voltage and their ability to handle high current pulses. Here are the typical specifications for this series: | Parameter | Typical Value | | :--- | :--- | | **DC Spark-over Voltage** | 250V (±20%) | | **Number of Electrodes** | 3-Pole (3R) | | **Impulse Discharge Current** | 10kA to 20kA (depending on wave shape) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | < 1.5 pF | | **Mounting Type** | Through-hole / Radial Leads | --- ### 2. Breakdown of the Part Number * **3R**: Indicates a **3-Electrode** device. Unlike 2-electrode versions, 3-pole GDTs provide protection for two signal lines (e.g., Tip and Ring) to a common ground in a single package. * **9**: Often refers to the physical dimensions or the series diameter (typically 8mm or 9mm). * **H**: Usually signifies "High Surge" capability or specific thermal performance. * **255**: Represents the **Nominal DC Spark-over Voltage**. In this case, it triggers at approximately **250V**. * **-R**: Generally indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 3. Functional Mechanism The GDT acts as a high-speed switch. Its operation follows three main states: 1. **High Impedance State:** Under normal operating voltages, the gas (usually neon or argon) inside the tube is non-conductive. 2. **Arc State:** When a high-voltage surge occurs, the gas ionizes. The tube becomes a low-resistance path, shunting the excess current to the ground. 3. **Extinguishing State:** Once the surge passes and the voltage drops below the "holdover voltage," the gas de-ionizes and the device returns to its non-conductive state. ### 4. Common Applications * **Telecommunications:** Protecting phone lines, ADSL/VDSL equipment, and modems. * **Power Supplies:** Used in AC/DC surge protectors to prevent damage from lightning. * **Data Lines:** Protecting sensitive networking equipment (Ethernet, RS-485). * **CATV:** Protecting coaxial cable interfaces. --- ### 5. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | Extremely low capacitance (suitable for high-speed data). | Slower response time compared to TVS diodes. | | High current handling (thousands of Amperes). | Can suffer from "Follow Current" (staying on after a surge). | | Long service life under normal conditions. | Eventually wears out after multiple high-energy hits. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-electrode and 3-electrode GDT?
    • ⤷ How do I test if a 3R9H255-R is still functional using a multimeter?
    • ⤷ Can this GDT be used in series with a Varistor (MOV)?