3S1C-R
AI

The term **3S1C-R** typically refers to a specific configuration for battery management or robotic controller systems. It is most commonly associated with **Li-ion/LiPo Battery Packs** or **Motor Control Boards** (often found in small-scale robotics or DIY electronics).
Below is a breakdown of the electronic components and the nomenclature.
---
### 1. Decoding the Nomenclature
The alphanumeric code describes the arrangement and capabilities of the electronic circuit:
| Segment | Meaning | Electronic Implication |
| :--- | :--- | :--- |
| **3S** | 3 Series | Three battery cells connected in series (11.1V - 12.6V). |
| **1C** | 1 Controller / Cell | Usually refers to a single Integrated Circuit (IC) managing the logic or a single-channel output. |
| **-R** | Remote / Resistance | Indicates the inclusion of a Receiver (RF) module or a specific Resistor-based feedback loop. |
---
### 2. Key Electronic Components
Depending on whether the 3S1C-R is a **BMS (Battery Management System)** or a **Motor Driver**, it will contain these core parts:
#### A. Power Regulation (The "3S" Part)
* **Voltage Regulators (LDOs):** Drops the 12.6V peak voltage down to 5V or 3.3V to power the onboard microcontroller.
* **Balancing Resistors:** Small SMD resistors used to bleed off excess charge from higher-voltage cells to ensure all three cells stay equal.
* **MOSFETs (Switching):** Large transistors that act as gates to shut off power if a short circuit or over-discharge is detected.
#### B. Control Logic (The "1C" Part)
* **Microcontroller (MCU):** Typically an 8-bit chip (like an Atmel or STM8) that monitors voltage levels.
* **Protection IC:** A dedicated chip (e.g., DW01 series) that monitors the individual voltages of the 3 series cells.
#### C. Connectivity (The "-R" Part)
* **RF Receiver:** If this is a remote-controlled unit, it will have a small antenna and a 2.4GHz or 433MHz radio frequency chip.
* **Shunt Resistor:** Used for current sensing to prevent the motor or load from drawing too many Amps.
---
### 3. Typical Specifications Table
If you are looking at a **3S1C-R Lithium Protection Board**, these are the electronic thresholds:
| Feature | Specification |
| :--- | :--- |
| **Max Voltage (Full Charge)** | 12.6V |
| **Nominal Voltage** | 11.1V |
| **Overcharge Protection** | 4.25V ± 0.05V per cell |
| **Over-discharge Protection** | 2.5V ± 0.1V per cell |
| **Continuous Current** | Generally 5A - 20A (model dependent) |
---
### 4. Common Application Wiring
When assembling a system using these parts, the wiring logic follows this pattern:
```c
[Cell 1 Negative] -> B- (Ground)
[Cell 1 & 2 Junction] -> B1 (3.7V)
[Cell 2 & 3 Junction] -> B2 (7.4V)
[Cell 3 Positive] -> B+ (11.1V)
[Output Terminals] -> P+ / P- (Load and Charging)
```
- ⤷
Is the 3S1C-R you are referring to a battery protection board or a motor controller?
- ⤷ What is the specific current (Ampere) rating required for your application?
- ⤷ Do you need the pinout diagram for a specific manufacturer of this part?