3SB-4-R
AI

The **3SB-4-R** refers to a specific type of **Miniature Glass Tube Fuse** commonly used in electronics to protect circuits from overcurrent and short-circuit conditions.
---
### 1. Technical Specifications
The "3SB" series is typically manufactured by brands like **Bel Fuse** or **Bussmann**. Below are the core specifications for the **3SB-4-R** model:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 4 Amperes (4A) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Slow-Blow (Time-Delay) |
| **Physical Size** | 6.3mm x 32mm (1/4" x 1-1/4") |
| **Body Material** | Glass |
| **Termination Style** | Cartridge (Ferrule) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Key Features
* **Slow-Blow Functionality:** Unlike "Fast-Acting" fuses, the 3SB-4-R is designed to withstand temporary surges in current (such as motor startups or power-on inrushes) without blowing immediately. It will only open the circuit if the overcurrent persists.
* **Transparent Glass Body:** The glass construction allows for easy visual inspection. If the internal filament is broken or the glass is blackened, the fuse is blown and needs replacement.
* **Standard Dimensions:** The 6.3mm x 32mm size is a global standard for North American small-dimension fuses, making it widely compatible with standard fuse holders and clips.
---
### 3. Common Applications
The 3SB-4-R is utilized in devices where initial power-up requires more current than the steady-state operation:
1. **Consumer Electronics:** Power supplies for desktop computers and older television sets.
2. **Industrial Equipment:** Small motors, actuators, and control panels.
3. **Appliances:** Microwave ovens and coffee makers that have inductive loads.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
| Segment | Meaning |
| :--- | :--- |
| **3SB** | Series prefix (Slow-Blow, Glass Tube) |
| **4** | Amperage rating (4 Amps) |
| **-R** | Lead-free / RoHS Compliant |
---
- ⤷
What is the difference between a Slow-Blow and a Fast-Acting fuse in terms of circuit protection?
- ⤷ Can I replace a 3SB-4-R with a ceramic fuse of the same rating?
- ⤷ How do I test if a 3SB-4-R fuse is still functional using a multimeter?