3SBP250-R
AI

The **3SBP 250-R** is a specific type of electronic component, specifically a **subminiature axial leaded fuse** part of the 3SBP series manufactured by Bel Fuse Inc. These fuses are known for their "Time-Delay" (slow-blow) characteristics and ceramic tube construction.
---
## Technical Specifications
The table below outlines the primary electronic characteristics of the 3SBP 250-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 250 mA (0.25 Amps) |
| **Voltage Rating (AC)** | 250 V |
| **Fuse Type** | Time-Delay (Slow-Blow) |
| **Body Material** | Ceramic Tube |
| **Mounting Type** | Through Hole (Axial Leads) |
| **Interrupting Rating** | 100A @ 250V AC |
| **Dimensions** | 3.6mm x 10mm (Subminiature) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## Key Features
### 1. Slow-Blow (Time-Delay) Characteristic
The "Time-Delay" nature of this fuse allows it to withstand temporary surges or "inrush currents" that occur when a device is first turned on. Unlike a fast-acting fuse, it will not blow immediately unless the overcurrent persists or is extremely high.
### 2. Physical Construction
* **Ceramic Body:** Provides higher breaking capacity and thermal stability compared to glass fuses.
* **Axial Leads:** The wire leads are attached to the end caps, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB).
### 3. Safety Standards
The 3SBP 250-R is typically certified by international safety agencies such as:
* **UL (Underwriters Laboratories)**
* **CSA (Canadian Standards Association)**
* **PSE (Japan)**
---
## Typical Applications
Because of its small form factor and slow-blow characteristic, it is commonly used in:
* **Power Supplies:** Protecting against sustained overcurrent while ignoring initial capacitor charging spikes.
* **Consumer Electronics:** Chargers, adapters, and small appliances.
* **Industrial Equipment:** Control boards where space is limited.
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **3SBP:** Series identifier (3.6x10mm Ceramic, Time-Delay).
* **250:** The current rating (250mA).
* **-R:** Indicates RoHS compliance (Lead-free).
- ⤷What is the difference between a slow-blow fuse and a fast-acting fuse in PCB design?
- ⤷ Can I replace a glass fuse with this ceramic 3SBP 250-R?
- ⤷ What are the soldering temperature recommendations for axial leaded fuses?