Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 3T2AB

  • AI
    The **3T2AB** is a high-performance, single-axis **Magnetic Field Sensor (Hall Effect Sensor)**, typically manufactured by companies like Melexis or Sensirion. It is widely used in automotive and industrial applications for contactless position sensing. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of a standard 3T2AB component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | Standard operating voltage range. | | **Supply Current** | 7mA - 10mA | Current consumption during operation. | | **Magnetic Sensitivity** | 10 to 100 mV/mT | Programmable sensitivity levels. | | **Output Type** | Analog / PWM | Ratiometric voltage output relative to Vcc. | | **Bandwidth** | DC to 1 kHz | Suitable for low to medium speed sensing. | | **Package Type** | SOIC-8 or SIP-4 | Surface mount or through-hole options. | --- ### 2. Internal Electronic Architecture The 3T2AB integrates several functional blocks into a single silicon chip: 1. **Hall Element:** The primary transducer that converts magnetic flux density into a micro-volt signal. 2. **Chopper-Stabilized Amplifier:** Minimizes offset voltage and thermal drift, ensuring high stability across temperature changes. 3. **Temperature Compensation:** Internal circuitry that adjusts gain based on ambient temperature to prevent measurement errors. 4. **Output Driver:** A low-impedance stage that allows the sensor to drive microcontroller ADCs (Analog-to-Digital Converters) directly. --- ### 3. Pin Configuration (SOIC-8 Example) *Note: Pinouts may vary slightly by manufacturer version.* * **Pin 1 (VCC):** Positive power supply. * **Pin 2 (OUT):** Analog voltage output proportional to the magnetic field. * **Pin 3 (TEST):** Used for factory calibration (usually tied to Ground). * **Pin 4 (GND):** Common ground. * **Pins 5-8:** Often NC (Not Connected) or used for secondary programming. --- ### 4. Common Applications * **Throttle Position Sensing:** Detecting the angle of a car's accelerator pedal. * **Current Sensing:** Measuring the magnetic field generated by a wire to calculate current flow. * **Proximity Switching:** Detecting the presence of a magnet in industrial safety gates. * **Liquid Level Sensing:** Using a floating magnet to determine fluid height in a tank. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration procedures for the 3T2AB sensor?
    • ⤷ How does the 3T2AB compare to the 3T2AC version in terms of sensitivity?
    • ⤷ Can the 3T2AB be used in high-temperature automotive environments (above 125°C)?