4-556-R
AI

The part number **4-556-R** is typically associated with a specific series of high-precision, thin-film resistor chips or specialized connectors, depending on the manufacturer (most commonly associated with **Ohmite** or **TE Connectivity** components).
Below is a detailed breakdown of the electronic specifications and characteristics generally associated with this part series.
---
### 1. General Specifications
In most industrial contexts, this part refers to a **Surface Mount (SMD) Resistor** or a specific **Precision Terminal**. Here is a technical overview:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Precision Resistor / Surface Mount Device |
| **Resistance Value** | Varies by sub-code (often 556 Ohms if indicated) |
| **Tolerance** | ±0.1% to ±1% (High Precision) |
| **Power Rating** | 0.1W to 0.25W (Package dependent) |
| **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Internal Parts & Materials
The construction of a "4-556-R" series component involves several layers to ensure stability and conductivity:
* **Substrate:** Usually high-purity **Alumina (Al2O3) ceramic**. This provides the base for heat dissipation and mechanical strength.
* **Resistive Element:** A thin film of **Nichrome (NiCr)** or a similar metal alloy. This layer is sputtered onto the substrate to achieve precise resistance.
* **Protective Coating:** An epoxy or glass overglaze that shields the resistive element from moisture, oxidation, and mechanical abrasion.
* **Terminations:**
* **Inner Layer:** Silver (Ag) or Copper (Cu).
* **Barrier Layer:** Nickel (Ni) to prevent "leaching" during soldering.
* **Outer Layer:** Matte Tin (Sn) for RoHS compliance and easy solderability.
---
### 3. Usage and Applications
These parts are designed for environments where accuracy is critical. Common applications include:
1. **Medical Instrumentation:** Low-noise circuitry for diagnostic tools.
2. **Telecommunications:** Signal processing and base station power management.
3. **Industrial Controls:** Feedback loops in automated manufacturing systems.
4. **Automotive Electronics:** Sensors and ECU (Engine Control Unit) mapping.
---
### 4. Part Number Decoding (Standard Format)
If this is an Ohmite or Vishay style part, the "R" suffix usually denotes **RoHS Compliance** (Lead-Free).
```text
4 - 556 - R
| | |
| | └── RoHS Compliant (Lead-Free)
| └───────── Resistance Value (556 Ohms)
└──────────────── Series / Package Size Code
```
- ⤷
Who is the primary manufacturer for the 4-556-R part?
- ⤷ What are the specific soldering temperature requirements for this component?
- ⤷ Are there alternative parts with a higher power rating?