4-HB6-R
AI

The **4-HB6-R** is a specific electronic component belonging to the **Subminiature Fuse** category, commonly produced by manufacturers like Bel Fuse. It is designed for PCB (Printed Circuit Board) mounting to protect circuits against overcurrent conditions.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the 4-HB6-R:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | 4-HB6-R |
| **Component Type** | Radial Lead Micro Fuse |
| **Current Rating** | 6 Amperes (6A) |
| **Voltage Rating (AC)** | 250V |
| **Voltage Rating (DC)** | 63V - 125V (Varies by sub-series) |
| **Characteristic** | Fast-Acting (F) |
| **Package / Case** | Radial (Cylindrical or Rectangular body) |
| **Termination Style** | Through-Hole (PCB Leads) |
| **Compliance** | RoHS 6 Compliant |
---
### 2. Key Internal Components
The 4-HB6-R is composed of several critical electronic and material elements:
* **Fuse Element:** A precision-calibrated wire or metallic strip designed to melt at exactly 6A of sustained current.
* **Encapsulation:** A thermoplastic or ceramic body that houses the element, providing high insulation resistance and arc-quenching capabilities.
* **Lead Wires:** Tin-plated copper leads designed for wave soldering.
* **Marking:** The body is laser-etched with the current rating (6A) and safety agency logos (UL, VDE, etc.).
---
### 3. Functional Application
The "Fast-Acting" nature of this fuse means it is designed to open very quickly once the current threshold is exceeded. Unlike "Slow-Blow" fuses, it does not tolerate temporary surges.
**Common Use Cases:**
1. **Consumer Electronics:** Power supplies for laptops, printers, and monitors.
2. **LED Lighting:** Protecting driver circuits from internal component failure.
3. **Industrial Controls:** Protecting delicate PLCs and sensor inputs.
4. **Battery Chargers:** Preventing fire hazards during a short-circuit event.
---
### 4. Part Number Breakdown
While nomenclature varies slightly by manufacturer, the code typically breaks down as follows:
* **4:** Series family (Standard radial subminiature).
* **HB:** High Breaking capacity or specific body style.
* **6:** The Current Rating (6 Amps).
* **-R:** Indicates RoHS (Restriction of Hazardous Substances) compliance.
---
- ⤷
What is the difference between the 4-HB6-R and a slow-blow version?
- ⤷ Can this fuse be used in DC automotive applications?
- ⤷ What are the recommended soldering temperatures for this part?