AI

Based on industrial specifications and semiconductor database patterns, the part number **400EBDBB2** typically refers to a specialized **Silicon Oscillator** or a **Crystal Oscillator (XO)** module, often manufactured by companies like Skyworks Solutions (formerly Silicon Labs).
Below is the breakdown of the electronic characteristics and specifications associated with this component series.
---
## 1. Component Overview
These parts are part of the **Si540 / Si54x Ultra Series** of high-performance oscillators. They are designed for applications requiring extremely low jitter and high frequency stability, such as 100G/400G optical networking and high-speed data centers.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Format** | LVDS / LVPECL / HCSL (Differential) |
| **Frequency Range** | Typically fixed (e.g., 156.25 MHz or customized) |
| **Supply Voltage** | 1.8V, 2.5V, or 3.3V |
| **Package Size** | 3.2 x 5.0 mm or 5 x 7 mm (8-pin) |
| **Jitter Performance** | < 100 fs RMS (ultra-low noise) |
---
## 2. Part Number Breakdown (Decoding)
While specific internal codes vary by manufacturer, the "400" series typically signifies the family architecture.
* **400**: The base series (High-performance differential oscillator).
* **E**: Represents the output format (e.g., LVPECL or LVDS).
* **B**: Temperature stability rating (often ±20 ppm or ±50 ppm).
* **D**: Operating temperature range (e.g., -40°C to +85°C).
* **BB2**: Specific configuration code for factory-set frequency and startup behavior.
---
## 3. Key Applications
Because of the high precision and low phase noise, this part is used in:
1. **Networking**: Switch and router clocking for Ethernet (10G/40G/100G).
2. **Telecom**: Optical transport networks (OTN) and SONET/SDH.
3. **Compute**: Clocking for high-end FPGAs, ASICs, and GPUs.
4. **Storage**: Fibre Channel and SAS/SATA interfaces.
---
## 4. Typical Connection Diagram
Most 8-pin oscillators in this class follow a standard pinout:
```text
Pin 1: NC or OE (Output Enable)
Pin 2: NC or OE
Pin 3: GND (Ground)
Pin 4: Output (Positive)
Pin 5: Output (Complementary/Negative)
Pin 6: VDD (Power Supply)
```
- ⤷
What is the exact output frequency for the 400EBDBB2 variant?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or TI?
- ⤷ How does the jitter performance of this part compare to standard MEMS oscillators?