Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 40DPT-V1-R/Q

  • AI
    The **40DPT-V1-R/Q** is a high-precision digital differential pressure transmitter commonly used in industrial automation, HVAC systems, and process control. It belongs to the series of sensors designed to measure the difference in pressure between two points. --- ### 1. Technical Specifications Below are the typical electronic and physical parameters for this component: | Feature | Specification | | :--- | :--- | | **Model Series** | 40DPT (Differential Pressure Transmitter) | | **Supply Voltage** | 12 - 36 VDC (Standard 24 VDC) | | **Output Signal** | 4-20 mA (Two-wire) or 0-10 VDC | | **Pressure Range** | Varies by sub-model (typically 0-100 Pa to 0-10 kPa) | | **Accuracy** | ±0.5% to ±1.0% FS (Full Scale) | | **Operating Temp** | -10°C to +70°C | | **Connection Type** | Barb fittings for 4mm/6mm tubing | --- ### 2. Electronic Component Breakdown The internal circuitry of the 40DPT-V1-R/Q consists of several key stages: #### A. Piezoresistive Sensing Element The "heart" of the device is a silicon-based micro-machined diaphragm. When pressure changes, the resistance of the bridge circuit on the diaphragm changes (Piezoresistive effect), converting mechanical stress into an electrical signal. #### B. Signal Conditioning (ASIC) The raw millivolt signal from the sensor is processed by an Application-Specific Integrated Circuit (ASIC). This stage performs: * **Amplification:** Boosting the weak sensor signal. * **Temperature Compensation:** Correcting errors caused by ambient temperature fluctuations. * **Linearization:** Ensuring the output is directly proportional to the input pressure. #### C. Output Driver The electronics include a current loop controller (for 4-20mA models) or a voltage regulator (for 0-10V models). This allows the signal to be transmitted over long distances to a PLC or Scada system without significant loss. --- ### 3. Wiring Configuration For the "V1" variant, the wiring is typically structured as follows: | Pin/Terminal | Function | Description | | :--- | :--- | :--- | | **V+** | Power Supply | Positive terminal (12-36V) | | **OUT** | Signal Output | 4-20mA or 0-10V output | | **GND / COM** | Ground | Common reference point | --- ### 4. Key Features (R/Q Designators) * **R (Response):** Often denotes a selectable response time (damping), allowing the user to filter out pressure "noise" or turbulence. * **Q (Quick-fit/Quality):** Refers to the specific mounting bracket or the enhanced calibration standards applied to the "Q" series for high-stability environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 4-20mA and 0-10V versions in terms of wiring distance?
    • ⤷ How do I calibrate the zero-point on a 40DPT-V1 series sensor?
    • ⤷ What are the common industrial applications for differential pressure transmitters?