4116R-R2R-104
AI

## Understanding the 4116R-R2R-104 Resistor Network
The **4116R-R2R-104** is a specialized electronic component manufactured by Bourns. It is an **R-2R Ladder Network** housed in a 16-pin Medium Profile DIP (Dual In-line Package). This specific part is primarily used for Digital-to-Analog conversion.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | 4116R-R2R-104 |
| **Package Type** | 16-pin Molded DIP (Durable Plastic) |
| **Circuit Type** | R-2R Ladder (Binary Weighted) |
| **Resistance Value** | 100k Ohms (indicated by code "104") |
| **Tolerance** | ±2% (Standard for "R" series) |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Power Rating** | 2.25 Watts per package at 20°C |
---
### 2. Functional Description
The "R-2R" designation refers to the internal topology of the resistors. In this network:
* **R** = 100,000 Ohms (100kΩ)
* **2R** = 200,000 Ohms (200kΩ)
This configuration allows a digital system (like a microcontroller) to convert 8-bit digital signals into a proportional analog voltage. By toggling the input pins, the network acts as a precise voltage divider.
### 3. Pinout and Circuit Layout
For a 16-pin 4116R-R2R device, the internal structure typically follows this logic:
* **Pin 16:** Reference Voltage ($V_{ref}$)
* **Pin 1:** Ground/Common
* **Intermediate Pins:** Digital inputs (Bits 0 through 7)
---
### 4. Common Applications
* **Digital-to-Analog Conversion (DAC):** Creating an analog output from a microprocessor without a dedicated DAC chip.
* **Variable Gain Control:** Used in operational amplifier circuits to adjust gain digitally.
* **Signal Conditioning:** Precision voltage division in instrumentation.
* **Function Generators:** Creating waveforms (sine, triangle, sawtooth) from digital code.
---
### 5. Decoding the Part Number
The part number can be broken down as follows:
* **41:** Model series (Molded DIP)
* **16:** Number of pins (16 pins)
* **R:** Low profile / Standard configuration
* **R2R:** Internal circuit type (Ladder Network)
* **104:** Resistance code ($10 \times 10^4 = 100,000$ Ohms)
- ⤷What is the mathematical advantage of using an R-2R ladder over a standard resistor network for DACs?
- ⤷ How do you calculate the output voltage of this component given a specific 8-bit input?
- ⤷ Are there Surface Mount (SMD) equivalents for the 4116R-R2R-104?