4124DL-T92-R
AI

### Overview of the 4124DL-T92-R
The **4124DL-T92-R** is an electronic component commonly identified as a **Voltage Detector** or **Reset IC**, typically manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are designed to monitor power supply rails and provide a reset signal to processors or logic circuits when the voltage falls below a specific threshold.
---
### Technical Specifications
The following table outlines the key parameters generally associated with this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Voltage Detector / Reset IC |
| **Detection Voltage** | 2.4V (indicated by '24' in the code) |
| **Output Type** | Open Drain (indicated by 'L') |
| **Package Type** | TO-92 (indicated by 'T92') |
| **Packing Type** | Tape & Reel or Tape Box (indicated by 'R') |
| **Accuracy** | ±2% typical |
| **Operating Current** | Low power consumption (usually < 1μA) |
---
### Pin Configuration (TO-92 Package)
The TO-92 is a standard three-lead plastic package. For the 4124DL series, the pins are usually assigned as follows:
1. **Vout**: The output pin that triggers the reset.
2. **Vdd**: The input power supply/monitored voltage.
3. **Vss**: Ground (GND).
---
### Key Features and Applications
#### Features
* **High Precision**: Precise detection of the 2.4V threshold to protect sensitive electronics.
* **Low Power Consumption**: Designed for battery-operated devices to extend life.
* **Hysteresis**: Built-in hysteresis prevents "chatter" or multiple resets during slow voltage transitions.
* **Open Drain Output**: Allows for level shifting and connecting multiple detectors to a single reset line.
#### Common Applications
* Microprocessor reset circuitry.
* Battery life indicators/Low battery detectors.
* Power failure detectors.
* Memory backup circuit switching.
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **41**: Series identifier (UTC41XX).
* **24**: Threshold voltage (2.4 Volts).
* **D**: Reset Output Delay (standard).
* **L**: Output type (Open Drain, Active Low).
* **T92**: Package style (TO-92).
* **R**: Packing code (Tape & Reel).
- ⤷
What is the difference between an Open Drain and a Push-Pull output in this IC?
- ⤷ Can this component be used for voltages higher than 2.4V with a voltage divider?
- ⤷ How does the hysteresis feature prevent false triggering in the 4124DL?