4316P-R2R-503
AI

The **4316P-R2R-503** is a specialized passive electronic component manufactured by Bourns. It is a **Thick Film Resistor Network** configured specifically as an **R-2R Ladder**, which is primarily used for Digital-to-Analog conversion.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number Series** | 4300P Series (Molded DIP) |
| **Circuit Type** | R-2R Ladder (Binary Weighted) |
| **Resistance Value ($R$)** | 50 kΩ (denoted by the code `503`) |
| **Number of Pins** | 16 Pins |
| **Package Style** | Molded Slim Low Profile (DIP) |
| **Tolerance** | ±2% (Standard for this series) |
| **Temperature Coefficient** | ±100 ppm/°C |
---
### 2. Internal Configuration: The R-2R Ladder
The "R2R" in the part number indicates the internal resistor arrangement. This network uses only two resistor values: **$R$** and **$2R$**.
* **R Value:** 50 kΩ
* **2R Value:** 100 kΩ
By connecting these in a specific "ladder" formation, the device can convert a digital bitstream into a proportional analog voltage. Because all resistors are manufactured on the same substrate, they exhibit excellent **thermal tracking**, meaning their resistance values change identically as temperature shifts, maintaining high accuracy.
---
### 3. Pinout and Physical Characteristics
The `4316P` designation tells us about the physical housing:
* **43:** Product line for Molded DIP networks.
* **16:** The total number of pins (8 bits of resolution are typically supported in a 16-pin R-2R package).
* **P:** Denotes the physical package style (Molded).
---
### 4. Common Applications
This component is used in circuits where a simple, stable digital-to-analog interface is required without using a dedicated integrated circuit (IC) DAC:
1. **Digital-to-Analog Converters (DAC):** Creating an analog output from a microcontroller's GPIO pins.
2. **Variable Gain Amplifiers:** Using the ladder to control the gain of an Op-Amp.
3. **Function Generators:** Synthesizing waveforms (sine, triangle, square) via digital control.
4. **Reference Voltage Adjustment:** Setting precise voltage levels in power supply circuits.
---
### 5. Part Number Breakdown
`4316P` - `R2R` - `503`
* **4316P:** 16-pin Molded DIP Package.
* **R2R:** Internal circuit schematic is a Resistor Ladder.
* **503:** Resistance value. $50 \times 10^3 = 50,000$ ohms (50 kΩ).
- ⤷
How do you calculate the output voltage of an R-2R ladder circuit?
- ⤷ What are the advantages of using a resistor network over discrete resistors?
- ⤷ Is the 4316P-R2R-503 compatible with 3.3V and 5V logic levels?