440LT68-R
AI

The **440LT68-R** is a specific type of ceramic disc capacitor, primarily designed for safety-critical applications. It belongs to the **Vishay Cera-Dite 440L Series**, which are high-voltage, AC-rated components.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by Vishay/Cera-Mite. Below are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 0.0068 µF (6.8 nF) |
| **Voltage Rating** | 440 VAC (Standard) / 500 VAC (Industrial) |
| **Safety Class** | X1 / Y1 |
| **Dielectric Material** | Ceramic (Class 2) |
| **Tolerance** | Typically ±20% |
| **Operating Temp Range** | -30°C to +125°C |
| **Mounting Type** | Through-hole (Radial Leads) |
---
### 2. Safety Class Breakdown (X1/Y1)
The "440L" series is most notable for its safety certifications. These capacitors are designed to fail "open" rather than "short" to prevent electrical fire or shock.
* **Class X1:** Used for "Across-the-line" applications. They are designed to handle high impulse voltages (up to 4kV) in industrial settings.
* **Class Y1:** Used for "Line-to-ground" applications. This is the most stringent safety rating, providing protection against electric shock even if the capacitor fails, making it suitable for bridging double or reinforced insulation.
---
### 3. Physical Construction
The **440LT68-R** is constructed to withstand harsh environmental conditions:
* **Encapsulation:** The capacitor is coated in a flame-retardant epoxy resin (UL 94 V-0 rated).
* **Electrodes:** Silver electrodes are deposited on both sides of the ceramic disc.
* **Leads:** Tinned copper wire radial leads.
* **The "-R" Suffix:** Usually indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 4. Typical Applications
Because of its safety ratings and high voltage tolerance, this part is commonly found in:
1. **Switch Mode Power Supplies (SMPS):** Used for EMI/RFI filtering.
2. **AC Adapters:** Filtering noise between the primary and secondary stages.
3. **Industrial Equipment:** Motor controllers and heavy machinery where line surges are common.
4. **Household Appliances:** Safety filtering in washing machines, dishwashers, and refrigerators.
---
### 5. Part Number Decoding
To understand the specific variant:
* **440L:** Series identifier (Safety Certified AC Disc).
* **T:** Temperature characteristic/Dielectric code.
* **68:** Capacitance value (The first two digits; "68" represents the base value).
* **-R:** RoHS Compliant.
- ⤷
What is the difference between X1 and Y1 safety ratings in practical circuits?
- ⤷ Can this capacitor be used in DC applications
- ⤷ or is it strictly for AC?
- ⤷ What are the common failure modes for ceramic disc capacitors like the 440LT68-R?