441-R347D-GR
AI

The part number **441-R347D-GR** refers to a high-quality **Illuminated Rocker Switch** typically manufactured by companies like **Mountain Switch** (distributed by Mouser and others).
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Specifications
This switch is designed for high-current applications and features an internal lamp (usually neon) to indicate the "ON" status.
| Property | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | On-Off |
| **Illumination** | Green Neon (125V) |
| **Actuator Color** | Green Transparent |
| **Body Color** | Black |
---
### 2. Electrical Ratings
These ratings define the maximum voltage and current the switch can safely handle without overheating or electrical failure.
* **AC Power Rating:** 16A at 125VAC / 10A at 250VAC.
* **Insulation Resistance:** 100MΩ minimum (at 500VDC).
* **Dielectric Strength:** 1500VAC for 1 minute.
* **Contact Resistance:** 20mΩ maximum.
---
### 3. Physical & Mechanical Attributes
The "GR" in the suffix usually denotes the Green color of the actuator.
* **Mounting Type:** Panel Mount (Snap-in).
* **Termination Style:** Quick Connect / Solder Terminals (0.250" or 6.3mm tabs).
* **Operating Temperature:** Generally rated for -20°C to +85°C.
* **Life Expectancy:** ~10,000 cycles (Electrical).
---
### 4. Terminal Identification
Since this is an illuminated SPST switch, it typically features **3 terminals**:
1. **Terminal 1 (Line):** Incoming power (Hot).
2. **Terminal 2 (Load):** Output to the device being powered.
3. **Terminal 3 (Neutral/Ground):** Connected to the neutral line specifically to complete the circuit for the **internal green lamp**.
---
### 5. Application Use Cases
* **Industrial Equipment:** Power control for machinery.
* **Consumer Appliances:** Coffee makers, heaters, or power strips.
* **Power Supplies:** Main power toggle for desktop units.
- ⤷
What is the panel cutout dimension required for this specific switch?
- ⤷ Can this switch be used for DC applications like 12V or 24V?
- ⤷ How do I wire the third terminal to ensure the light only turns on when the switch is 'ON'?