441-R359D-GR
AI

The part number **441-R359D-GR** typically refers to a high-precision, metal film resistor, often associated with manufacturers like **Xicon** or distributed through major suppliers like Mouser.
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Resistor (Metal Film) |
| **Resistance Value** | 35.9 Ohms ($\Omega$) |
| **Tolerance** | ±0.5% (High Precision) |
| **Power Rating** | 1/8 Watt (0.125W) |
| **Temperature Coefficient** | ±50 ppm/°C |
| **Mounting Type** | Through-Hole |
| **Termination Style** | Axial Leaded |
| **RoHS Compliance** | Yes (indicated by the "GR" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic used by electronic component manufacturers:
* **441**: Often designates the series (Precision Metal Film).
* **R359**: Represents the resistance value. The "R" acts as a decimal point in some systems, but here it specifically points to the **35.9 Ohm** value.
* **D**: This is the tolerance code. In the EIA standard, "D" stands for **±0.5%**.
* **GR**: Usually signifies that the product is "Green" or **RoHS Compliant** (Lead-free).
---
### 3. Key Features & Applications
#### Features
* **Low Noise:** Metal film technology provides much lower electrical noise compared to carbon composition resistors.
* **Stability:** Excellent stability under varying temperature conditions (Low Temperature Coefficient).
* **Precision:** The 0.5% tolerance makes it suitable for circuits where exact values are critical for performance.
#### Common Applications
1. **Audio Equipment:** Used in signal paths to maintain high fidelity and low distortion.
2. **Instrumentation:** Ideal for bridge circuits and measurement devices where accuracy is paramount.
3. **Medical Electronics:** Used in diagnostic tools requiring stable performance.
4. **Telecommunications:** Employed in filters and line terminations.
---
### 4. Physical Dimensions (Typical)
For a 1/8W axial resistor of this type, the physical footprint is generally:
* **Body Length:** ~3.3 mm to 3.7 mm
* **Body Diameter:** ~1.7 mm to 1.9 mm
* **Lead Diameter:** ~0.45 mm
- ⤷What is the difference between this metal film resistor and a carbon film resistor?
- ⤷ How does a 0.5% tolerance affect circuit performance compared to a 5% tolerance?
- ⤷ Can this resistor be used in high-power applications?