441-R372-GR
AI

The part number **441-R372-GR** typically refers to a specific type of passive electronic component, most commonly identified as a **Metal Oxide Film Resistor** distributed by major suppliers like Mouser Electronics (often manufactured by companies like Xicon).
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Property | Value |
| :--- | :--- |
| **Component Type** | Metal Oxide Film Resistor |
| **Resistance Value** | 3.7 kΩ (Kilohms) |
| **Tolerance** | ±2% (indicated by the 'G' in some coding systems) |
| **Power Rating** | 1 Watt or 2 Watts (varies by specific series size) |
| **Temperature Coefficient** | ±200 ppm/°C |
| **Package/Case** | Axial Leaded |
| **RoHS Status** | Compliant (indicated by 'R' or 'GR') |
---
## Key Features
### 1. Metal Oxide Construction
Metal oxide resistors are created by depositing a thin film of metal oxide onto a ceramic rod. This construction provides:
* **High Stability:** Excellent resistance to environmental changes and aging.
* **Heat Resistance:** They can operate at higher temperatures compared to standard carbon film resistors.
* **Flameproof:** The coating is usually designed to be non-flammable under overload conditions.
### 2. Physical Durability
* **Coating:** Usually coated with a silicone or epoxy resin that protects the resistive element from moisture and oxidation.
* **Lead Material:** Typically tinned copper leads for easy soldering.
### 3. Electrical Performance
* **Low Noise:** Provides a cleaner signal compared to carbon composition resistors.
* **High Voltage:** Capable of handling higher surge voltages, making them suitable for power supplies and industrial circuits.
---
## Common Applications
* **Power Supplies:** Used as bleeder resistors or in voltage regulation stages.
* **Industrial Controls:** Integrated into circuits requiring high reliability and thermal stability.
* **Audio Equipment:** Used in power stages where heat dissipation is a concern.
* **Automotive:** Suitable for various peripheral electronic modules due to wide operating temperature ranges.
---
- ⤷What is the maximum operating temperature for metal oxide resistors?
- ⤷ How does a metal oxide resistor differ from a metal film resistor?
- ⤷ What does the 'GR' suffix specifically indicate in this part numbering scheme?